Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDCVF2310PW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CDCVF2310PW
Descripción Electrónicos  2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CDCVF2310PW Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCVF2310PW Datasheet HTML 4Page - Texas Instruments CDCVF2310PW Datasheet HTML 5Page - Texas Instruments CDCVF2310PW Datasheet HTML 6Page - Texas Instruments CDCVF2310PW Datasheet HTML 7Page - Texas Instruments CDCVF2310PW Datasheet HTML 8Page - Texas Instruments CDCVF2310PW Datasheet HTML 9Page - Texas Instruments CDCVF2310PW Datasheet HTML 10Page - Texas Instruments CDCVF2310PW Datasheet HTML 11Page - Texas Instruments CDCVF2310PW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.ti.com
1.7 V or 2 V
0.4 V
0.4 V
tPLH
tPHL
50% VDD
50% VDD
VDD
0 V
VOH
VOL
tr
tf
CLK
Yn
50% VDD
50% VDD
VDD
0 V
VOL
VOH
VOL
VOH
CLK
Any Y
Any Y
tsk(o)
tsk(o)
50% VDD
50% VDD
CLK
Yn
tPLH
tPHL
NOTE: tsk(p) = | tPLH − tPHL |
VDD
0 V
VOL
VOH
CDCVF2310
SCAS666C – JUNE 2001 – REVISED JANUARY 2008
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 3. Voltage Waveforms Propagation Delay Times
Figure 4. Output Skew
Figure 5. Pulse Skew
8
Submit Documentation Feedback
Copyright © 2001–2008, Texas Instruments Incorporated
Product Folder Link(s): CDCVF2310


Número de pieza similar - CDCVF2310PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCVF2310PW TI1-CDCVF2310PW Datasheet
884Kb / 23P
[Old version datasheet]   High-Performance Clock Buffer
CDCVF2310PWG4 TI1-CDCVF2310PWG4 Datasheet
884Kb / 23P
[Old version datasheet]   High-Performance Clock Buffer
CDCVF2310PWR TI1-CDCVF2310PWR Datasheet
884Kb / 23P
[Old version datasheet]   High-Performance Clock Buffer
CDCVF2310PWRG4 TI1-CDCVF2310PWRG4 Datasheet
884Kb / 23P
[Old version datasheet]   High-Performance Clock Buffer
More results

Descripción similar - CDCVF2310PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCVF310 TI-CDCVF310 Datasheet
148Kb / 12P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF310 TI1-CDCVF310_15 Datasheet
767Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
logo
PulseCore Semiconductor
ASM2P2310A PULSECORE-ASM2P2310A Datasheet
462Kb / 11P
   2.5-V TO 3.3-V High-Performance Clock Buffer
logo
Texas Instruments
CDCVF2310 TI-CDCVF2310 Datasheet
135Kb / 11P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310-EP TI1-CDCVF2310-EP Datasheet
740Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCLVC11XX TI1-CDCLVC11XX_12 Datasheet
948Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_14 Datasheet
906Kb / 23P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX Datasheet
223Kb / 9P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX_1 Datasheet
419Kb / 14P
[Old version datasheet]   3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com