Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD4024BPWRE4 Datasheet(PDF) 10 Page - Texas Instruments |
|
CD4024BPWRE4 Datasheet(HTML) 10 Page - Texas Instruments |
10 / 23 page TAPE AND REEL INFORMATION *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant CD4020BNSR SO NS 16 2000 330.0 16.4 8.2 10.5 2.5 12.0 16.0 Q1 CD4020BPWR TSSOP PW 16 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 CD4024BM96 SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 CD4024BMT SOIC D 14 250 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 CD4024BNSR SO NS 14 2000 330.0 16.4 8.2 10.5 2.5 12.0 16.0 Q1 CD4024BPWR TSSOP PW 14 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 CD4040BM96 SOIC D 16 2500 330.0 16.4 6.5 10.3 2.1 8.0 16.0 Q1 CD4040BNSR SO NS 16 2000 330.0 16.4 8.2 10.5 2.5 12.0 16.0 Q1 CD4040BPWR TSSOP PW 16 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 PACKAGE MATERIALS INFORMATION www.ti.com 14-Jul-2012 Pack Materials-Page 1 |
Número de pieza similar - CD4024BPWRE4 |
|
Descripción similar - CD4024BPWRE4 |