Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2SD1803T-H Datasheet(PDF) 2 Page - ON Semiconductor |
|
2SD1803T-H Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 10 page 2SB1203 / 2SD1803 No.2085-2/10 Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. IC=10IB1= --10IB2=2A For PNP, the polarity is reversed. VR RB VCC=25V VBE= --5V + + 50 INPUT RL OUTPUT 100 F 470 F PW=20 s IB1 D.C. 1% IB2 Continued from preceding page. Parameter Symbol Conditions Ratings Unit Collector Dissipation PC 1W Tc=25°C20 W Junction Temperature Tj 150 °C Storage Temperature Tstg --55 to +150 °C Electrical Characteristics at Ta=25°C Parameter Symbol Conditions Ratings Unit min typ max Collector Cutoff Current ICBO VCB=(--)40V, IE=0A (--)1 μA Emitter Cutoff Current IEBO VEB=(--)4V, IC=0A (--)1 μA DC Current Gain hFE1VCE=(--)2V, IC=(--)0.5A 70* 400* hFE2VCE=(--)2V, IC=(--)4A 35 Gain-Bandwidth Product fT VCE=(--)5V, IC=(--)1A (130)180 MHz Output Capacitance Cob VCB=(--)10V, f=1MHz (60)40 pF Collector-to-Emitter Saturation Voltage VCE(sat) IC=(--)3A, IB=(--)0.15A (--280)220 (--550)400 mV Base-to-Emitter Saturation Voltage VBE(sat) IC=(--)3A, IB=(--)0.15A (--)0.95 (--)1.3 V Collector-to-Base Breakdown Voltage V(BR)CBO IC=(--)10μA, IE=0A (--)60 V Collector-to-Emitter Breakdown Voltage V(BR)CEO IC=(--)1mA, RBE=∞ (--)50 V Emitter-to-Base Breakdown Voltage V(BR)EBO IE=(--)10μA, IC=0A (--)6 V Turn-On Time ton See specified Test Circuit. (50)50 ns Storage Time tstg (450)500 ns Fall Time tf (20)20 ns * : The 2SB1203/2SD1803 are classified by 0.5A hFE as follows : Rank Q R S T hFE 70 to 140 100 to 200 140 to 280 200 to 400 Switching Time Test Circuit Ordering Information Device Package Shipping memo 2SB1203S-E TP 500pcs./bag Pb Free 2SB1203S-H TP 500pcs./bag Pb Free and Halogen Free 2SD1203T-E TP 500pcs./bag Pb Free 2SD1203T-H TP 500pcs./bag Pb Free and Halogen Free 2SB1803S-E TP 500pcs./bag Pb Free 2SB1803S-H TP 500pcs./bag Pb Free and Halogen Free 2SD1803T-E TP 500pcs./bag Pb Free 2SD1803T-H TP 500pcs./bag Pb Free and Halogen Free 2SB1203S-TL-E TP-FA 700pcs./reel Pb Free 2SB1203S-Tl-H TP-FA 700pcs./reel Pb Free and Halogen Free 2SB1203T-TL-E TP-FA 700pcs./reel Pb Free 2SB1203T-Tl-H TP-FA 700pcs./reel Pb Free and Halogen Free 2SB1803S-TL-E TP-FA 700pcs./reel Pb Free 2SB1803S-Tl-H TP-FA 700pcs./reel Pb Free and Halogen Free 2SB1803T-TL-E TP-FA 700pcs./reel Pb Free 2SB1803T-Tl-H TP-FA 700pcs./reel Pb Free and Halogen Free |
Número de pieza similar - 2SD1803T-H |
|
Descripción similar - 2SD1803T-H |