Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC2073 Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

No. de pieza 2SC2073
Descripción Electrónicos  PNP Silicon Epitaxial Power Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Página de inicio  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

2SC2073 Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  2SC2073 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. 2SC2073 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. 2SC2073 Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Complements the 2SC2073.
APPLICATIONS
Power Amplifier Applications.
Vertical Output Applications.
MAXIMUM RATING operating temperature range applies unless otherwise specified
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-150
V
VCEO
Collector-Emitter Voltage
-150
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-1.5
A
IB
Base Current
-0.5
A
PC
Collector Dissipation
Ta=25℃
Tc=25℃
1.5
25
W
Tj,Tstg
Junction and Storage Temperature
-55 to +150
®
2SA940
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/3
Pb Free Plating Product
2SA940
PNP Silicon Epitaxial Power Transistor
Pb
φ3.6
0±0.
20
9.90±0.20
2.54typ
0.80±0.20
1.27±0.20
1.52±0.20
1.30±0.20
4.50±0.20
0.50±0.20
2.40±0.20
2.54typ
Dimensions in Millimeters
Package Dimension
BASE
1
COLLECTOR
2
3
EMITTER
TO-220C
1. BASE
2. COLLECTOR
3. EMITTER
1 2
3


Número de pieza similar - 2SC2073

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
2SC2073 MOSPEC-2SC2073 Datasheet
114Kb / 3P
   POWER TRANSISTORS(1.5A,150V,25W)
logo
New Jersey Semi-Conduct...
2SC2073 NJSEMI-2SC2073 Datasheet
124Kb / 2P
   Silicon NPN Power Transistor
logo
TRANSYS Electronics Lim...
2SC2073 TEL-2SC2073 Datasheet
59Kb / 1P
   Plastic-Encapsulated Transistors
logo
Jinan Jing Heng Electro...
2SC2073 JINGHENG-2SC2073 Datasheet
1Mb / 7P
   NPN Plastic-Encapsulate Transistors
logo
Savantic, Inc.
2SC2073 SAVANTIC-2SC2073 Datasheet
129Kb / 4P
   Silicon NPN Power Transistors
More results

Descripción similar - 2SC2073

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Continental Device Indi...
CSA1887 CDIL-CSA1887 Datasheet
125Kb / 3P
   PNP SILICON EPITAXIAL POWER TRANSISTOR
MJE350 CDIL-MJE350 Datasheet
210Kb / 3P
   PNP EPITAXIAL SILICON POWER TRANSISTOR
CSA1156 CDIL-CSA1156 Datasheet
95Kb / 3P
   PNP EPITAXIAL SILICON POWER TRANSISTOR
logo
Weitron Technology
2SB834 WEITRON-2SB834 Datasheet
199Kb / 3P
   PNP Silicon Epitaxial Power Transistor
logo
Continental Device Indi...
BD240C CDIL-BD240C Datasheet
137Kb / 3P
   PNP SILICON EPITAXIAL POWER TRANSISTOR
CSA1357 CDIL-CSA1357 Datasheet
81Kb / 3P
   PNP EPITAXIAL SILICON POWER TRANSISTOR
CDB1370EF CDIL-CDB1370EF Datasheet
88Kb / 2P
   PNP SILICON EPITAXIAL POWER TRANSISTOR
CSB1370 CDIL-CSB1370 Datasheet
89Kb / 3P
   PNP SILICON EPITAXIAL POWER TRANSISTOR
CFB1370 CDIL-CFB1370 Datasheet
86Kb / 2P
   PNP SILICON EPITAXIAL POWER TRANSISTOR
logo
TRANSYS Electronics Lim...
MJE350 TEL-MJE350 Datasheet
73Kb / 2P
   PNP EPITAXIAL SILICON POWER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com