Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DZ01S2403A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

No. de pieza DZ01S2403A
Descripción Electrónicos  2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DELTA [Delta Electronics, Inc.]
Página de inicio  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DZ01S2403A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DZ01S2403A Datasheet HTML 1Page - Delta Electronics, Inc. DZ01S2403A Datasheet HTML 2Page - Delta Electronics, Inc. DZ01S2403A Datasheet HTML 3Page - Delta Electronics, Inc. DZ01S2403A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DB02S/D Series
2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DS_DB02S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 81%
DIP Package with Industry Standard Pinout
Wide 2:1 Input Range
Fully regulated Output
Operating Temperature Range –40°C to +80°C
Low Ripple and Noise
Isolation Voltage 1500 VDC
Complies EN55022 class A
Lead free, RoHs Compliant
3 Years Product Warranty
The DB02S/D series are miniature, DIP Package, isolated 2W DC/DC converters with 1,500VDC isolation. The DB02S/D series
features fully regulated output and wide 2:1 input voltage ranges. The most convenient advantage is the modules with a low height of
just 7.60 mm (0.30 inch) on the PCB. It offers short circuit protection and allows a wide operating temperature range of –40°C to
+80°C. These isolated DC/DC converters are the latest offering from a world leader in power systems technology and manufacturing
― Delta Electronics, Inc. With creative design technology and optimization of component placement, these converters possess
outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions
Model List
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load @No Load
Reflected
Ripple
Current
Max.
apacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA(typ.)
uF
%
DB02S0503A
3.3
500
125
471
2200
70
DB02S0505A
5
400
100
548
1000
73
DB02S0512A
12
167
42
534
170
75
DB02S0515A
15
134
33
582
110
73
DB02D0505A
±5
±200
±50
667
470*
64
DB02D0512A
±12
±83
±21
615
100*
69
DB02D0515A
5
(4.5 ~ 9)
±15
±67
±17
598
40
100
47*
71
DB02S1203A
3.3
500
125
184
2200
73
DB02S1205A
5
400
100
217
1000
77
DB02S1212A
12
167
42
209
170
80
DB02S1215A
15
134
33
220
110
80
DB02D1205A
±5
±200
±50
242
470*
73
DB02D1212A
±12
±83
±21
224
100*
78
DB02D1215A
12
(9 ~ 18)
±15
±67
±17
226
20
25
47*
78
DB02S2403A
3.3
500
125
96
2200
72
DB02S2405A
5
400
100
109
1000
77
DB02S2412A
12
167
42
109
170
80
DB02S2415A
15
134
33
108
110
81
DB02D2405A
±5
±200
±50
119
470*
74
DB02D2412A
±12
±83
±21
112
100*
78
DB02D2415A
24
(18 ~ 36)
±15
±67
±17
110
10
15
47*
80
DB02S4803A
3.3
500
125
49
2200
71
DB02S4805A
5
400
100
57
1000
73
DB02S4812A
12
167
42
53
170
79
DB02S4815A
15
134
33
55
110
79
DB02D4805A
±5
±200
±50
62
470*
71
DB02D4812A
±12
±83
±21
57
100*
77
DB02D4815A
48
(36 ~ 75)
±15
±67
±17
57
8
10
47*
77
* For each output


Número de pieza similar - DZ01S2403A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Delta Electronics, Inc.
DZ01S2403A DELTA-DZ01S2403A Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DZ01S2403A DELTA-DZ01S2403A Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DZ01S2403A DELTA-DZ01S2403A Datasheet
218Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
DZ01S2403A DELTA-DZ01S2403A Datasheet
202Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
DZ01S2403A DELTA-DZ01S2403A Datasheet
241Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
More results

Descripción similar - DZ01S2403A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Delta Electronics, Inc.
DB02S0503A DELTA-DB02S0503A Datasheet
208Kb / 5P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DK03S DELTA-DK03S Datasheet
221Kb / 5P
   2W DC/DC CONVERTER, DIP-Package,Wide 2:1 Input Range
SD02S DELTA-SD02S Datasheet
220Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DH06S1203A DELTA-DH06S1203A Datasheet
214Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DG06S DELTA-DG06S Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S DELTA-DH06S Datasheet
212Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DP06S DELTA-DP06S Datasheet
218Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
DD03S DELTA-DD03S Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DG06S0503A DELTA-DG06S0503A Datasheet
221Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DD03S0505A DELTA-DD03S0505A Datasheet
211Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com