Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC07XSF517EK Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

No. de pieza MC07XSF517EK
Descripción Electrónicos  Triple 7.0 mOhm and Dual 17 mOhm High Side Switch
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC07XSF517EK Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC07XSF517EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC07XSF517EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC07XSF517EK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC07XSF517EK Datasheet HTML 10Page - Freescale Semiconductor, Inc MC07XSF517EK Datasheet HTML 11Page - Freescale Semiconductor, Inc MC07XSF517EK Datasheet HTML 12Page - Freescale Semiconductor, Inc MC07XSF517EK Datasheet HTML 13Page - Freescale Semiconductor, Inc MC07XSF517EK Datasheet HTML 14Page - Freescale Semiconductor, Inc MC07XSF517EK Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
MC07XSF517
4.3
Thermal Characteristics
4.4
Operating Conditions
This section describes the operating conditions of the device. Conditions apply to all the following data, unless otherwise noted.
Table 4. Thermal Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Symbol
Description (Rating)
Min.
Max.
Unit
Notes
THERMAL RATINGS
TA
TJ
Operating Temperature
• Ambient
• Junction
-40
-40
+125
+150
°C
(7)
TSTG
Storage Temperature
-55
+ 150
°C
TPPRT
Peak Package Reflow Temperature During Reflow
260
°C
(8) (9)
THERMAL RESISTANCE AND PACKAGE DISSIPATION RATINGS
RJB
Junction-to-Board (1]Soldered to Board)
2.5
°/W
(10)
RJA
Junction-to-Ambient, Natural Convection, Four-Layer Board (2s2p)
17.4
°/W
(11) (12)
RJC
Junction-to-Case (Case top surface)
10.6
°/W
(13)
Notes
7.
To achieve high reliability over 10 years of continuous operation, the device's continuous operating junction temperature should not
exceed 125
C.
8.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
9.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.
10.
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on the top
surface of the board near the package.
11.
Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board) temperature,
ambient temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
12.
Per JEDEC JESD51-6 with the board (JESD51-7) horizontal.
13.
Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method 1012.1).
Table 5. Operating Conditions
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Symbol
Ratings
Min
Max
Unit
Notes
VPWR
Functional operating supply voltage - Device is fully
functional. All features are operating.
7.0
18
V
Overvoltage range
• Jump Start
• Load dump
28
40
V
Reverse Supply
-16
V
VCC
Functional operating supply voltage - Device is fully
functional. All features are operating.
4.5
5.5
V


Número de pieza similar - MC07XSF517EK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC07XSF517 FREESCALE-MC07XSF517 Datasheet
7Mb / 2P
   Triple 7.0 mOhm and Dual 17 mOhm High-Side Switch
More results

Descripción similar - MC07XSF517EK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MC07XS6517 NXP-MC07XS6517 Datasheet
1,016Kb / 73P
   Triple 7.0 mOhm and Dual 17 mOhm High-side Switch
Rev. 4.0, 12/2017
logo
Freescale Semiconductor...
MC07XSF517 FREESCALE-MC07XSF517 Datasheet
7Mb / 2P
   Triple 7.0 mOhm and Dual 17 mOhm High-Side Switch
logo
NXP Semiconductors
MC12XS6D1 NXP-MC12XS6D1 Datasheet
1Mb / 72P
   17 mOhm and 7.0 mOhm high-side switches
Rev. 7.0, 1/2021
MC06XS3517 NXP-MC06XS3517 Datasheet
2Mb / 41P
   Smart High-side Switch Module (Triple 6.0 mOhm and Dual 17 mOhm)
Rev. 5.0, 4/2014
MC07XS3200 NXP-MC07XS3200 Datasheet
1Mb / 47P
   Dual high-side switch (7.0 mOhm)
Rev. 6.0, 1/2020
MC12XS6D4 NXP-MC12XS6D4 Datasheet
1Mb / 71P
   Dual 8.0 mOhm and dual 21 mOhm high-side switch
Rev. 6.0, 1/2021
logo
Freescale Semiconductor...
17XSF500 FREESCALE-17XSF500 Datasheet
1Mb / 70P
   Penta 17 mOhm High Side Switch
logo
NXP Semiconductors
MC17XS6500 NXP-MC17XS6500 Datasheet
987Kb / 73P
   Penta 17 mOhm High-side Switch
Rev. 5.0, 12/2017
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com