Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC07XSF517EK Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

No. de pieza MC07XSF517EK
Descripción Electrónicos  Triple 7.0 mOhm and Dual 17 mOhm High Side Switch
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC07XSF517EK Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC07XSF517EK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC07XSF517EK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC07XSF517EK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC07XSF517EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC07XSF517EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC07XSF517EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC07XSF517EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC07XSF517EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC07XSF517EK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
MC07XSF517
1
Orderable Parts
This section describes the part numbers available to be purchased along with their differences.
Valid orderable part numbers are provided on the web. To determine the orderable part numbers for this device, go to http://
www.freescale.com and perform a part number search for the following device numbers: 07XSF517.
Table 1. Orderable Part Variations
Part Number
Notes
Temperature
(TA)
Package
OUT1
Rds(on)
OUT2
Rds(on)
OUT3
Rds(on)
OUT4
Rds(on)
OUT5
Rds(on)
OUT6
MC07XSF517EK
(1)
-40 to 125 °C
SOIC 54 pins
exposed pad
17 m
17 m
7.0 m
7.0 m
7.0 m
Yes
Notes
1.
To Order parts in Tape & Reel, add the R2 suffix to the part number.


Número de pieza similar - MC07XSF517EK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC07XSF517 FREESCALE-MC07XSF517 Datasheet
7Mb / 2P
   Triple 7.0 mOhm and Dual 17 mOhm High-Side Switch
More results

Descripción similar - MC07XSF517EK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MC07XS6517 NXP-MC07XS6517 Datasheet
1,016Kb / 73P
   Triple 7.0 mOhm and Dual 17 mOhm High-side Switch
Rev. 4.0, 12/2017
logo
Freescale Semiconductor...
MC07XSF517 FREESCALE-MC07XSF517 Datasheet
7Mb / 2P
   Triple 7.0 mOhm and Dual 17 mOhm High-Side Switch
logo
NXP Semiconductors
MC12XS6D1 NXP-MC12XS6D1 Datasheet
1Mb / 72P
   17 mOhm and 7.0 mOhm high-side switches
Rev. 7.0, 1/2021
MC06XS3517 NXP-MC06XS3517 Datasheet
2Mb / 41P
   Smart High-side Switch Module (Triple 6.0 mOhm and Dual 17 mOhm)
Rev. 5.0, 4/2014
MC07XS3200 NXP-MC07XS3200 Datasheet
1Mb / 47P
   Dual high-side switch (7.0 mOhm)
Rev. 6.0, 1/2020
MC12XS6D4 NXP-MC12XS6D4 Datasheet
1Mb / 71P
   Dual 8.0 mOhm and dual 21 mOhm high-side switch
Rev. 6.0, 1/2021
logo
Freescale Semiconductor...
17XSF500 FREESCALE-17XSF500 Datasheet
1Mb / 70P
   Penta 17 mOhm High Side Switch
logo
NXP Semiconductors
MC17XS6500 NXP-MC17XS6500 Datasheet
987Kb / 73P
   Penta 17 mOhm High-side Switch
Rev. 5.0, 12/2017
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com