Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC07XSC200 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

No. de pieza MC07XSC200
Descripción Electrónicos  Dual High-Side Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC07XSC200 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC07XSC200 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC07XSC200 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information, please visit freescale.com/analog
Freescale and the Freescale logo are trademarks of Freescale Semiconductor, Inc., Reg. U.S. Pat. & Tm. Off. SMARTMOS is
a trademark of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners.
© 2013 Freescale Semiconductor, Inc.
Document Number: MC07XSC200FS REV 1
Freescale: A Leader in
Analog Solutions
Expanding on more than 30 years of
innovation, Freescale is a leading provider
of high-performance products that use
SMARTMOS technology combining digital,
power and standard analog functions.
Freescale supplies analog and power
management ICs that are advancing
the automotive, consumer, industrial and
networking markets. Analog solutions
interface with real-world signals to control
and drive for complete embedded systems.
Product Features and Benefits
Features
Function
Benefits
High-side switches
Dual 7.0 mΩ max high-side switches at 25 °C
Offers the possiblity to drive up
to two different kinds of loads
separately
Operating voltage range
6.0 V to 20 V with sleep current < 5.0 μA, extended
mode from 4.0 to 28 V
Optimized consumption with its
low-power mode
SPI control
8.0 MHz 16-bit 3.3 V and 5.0 V SPI control and
status reporting with daisy chain capability
Easy interface to MCU for
diagnostics and programming
PWM module
Uses external clock or calibratable internal oscillator
with programmable outputs delay management
Programmable slew rate offers
the possibility to optimize EMC
performance and power loss
during commutation
Circuit protection
Smart over-current shutdown compliant with huge
inrush current, severe short-circuit, overtemperature
protections with time-limited auto retry and fail-safe
mode in case of MCU damage
Device is fully protected against
unexpected external conditions
Open load detection
Output OFF or ON open-load detection compliant
with bulbs or LEDs and short to battery detection.
Analog current feedback with selectable ratio and
board temperature feedback.
Analog diagnostics with
highly precision for advanced
monitoring
Documentation
Freescale Document
Number
Title
Description
MC07XSC200
Dual High-Side Switch (7.0 mΩ)
Data sheet
SG1002
Analog Product Selector Guide
Selector guide
SG200
Analog and Power Management Industrial Selector Guide
Selector guide
Performance
Performance
Typical values
Outputs
2
RDS(on) at 25 ºC
2 x 7 mΩ
Operating Voltage
6 - 20 V
Peak Current
93.4 A
ESD
±8.0 kV power I/Os
±2.0 kV digital I/Os
Protection
Protection
Detect
Shut Down
Auto Retry
Status Reporting
Short-circuit
Overtemperature
Overcurrent
Overvoltage
Undervoltage
Open Load Detect
Short to VPWR
32-Pin Exposed Pad SOICW
98ASA00368D


Número de pieza similar - MC07XSC200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC07XSC200EK FREESCALE-MC07XSC200EK Datasheet
764Kb / 51P
   Dual High Side Switch
More results

Descripción similar - MC07XSC200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
07XSC200 FREESCALE-07XSC200 Datasheet
764Kb / 51P
   Dual High Side Switch
MC33143 FREESCALE-MC33143 Datasheet
281Kb / 8P
   Dual High-Side Switch
logo
Motorola, Inc
MC33289 MOTOROLA-MC33289 Datasheet
345Kb / 10P
   Dual High-Side Switch
logo
NXP Semiconductors
PIP3202-DC PHILIPS-PIP3202-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.000
BUK218-50DC PHILIPS-BUK218-50DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
October 2001-Rev 2.010
BUK218-50DY PHILIPS-BUK218-50DY Datasheet
64Kb / 9P
   TOPFET dual high side switch
May 2001-Rev 1.400
PIP3207-DC PHILIPS-PIP3207-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.100
logo
Freescale Semiconductor...
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
   Dual 6.0 mOhm High Side Switch
logo
List of Unclassifed Man...
B2526 ETC1-B2526 Datasheet
189Kb / 7P
   Dual USB High Side Power Switch
G526 ETC-G526 Datasheet
89Kb / 6P
   Dual USB High-Side Power Switch
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com