Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC547 Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza BC547
Descripción Electrónicos  45 V, 100 mA NPN general-purpose transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC547 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BC547 Datasheet HTML 5Page - NXP Semiconductors BC547 Datasheet HTML 6Page - NXP Semiconductors BC547 Datasheet HTML 7Page - NXP Semiconductors BC547 Datasheet HTML 8Page - NXP Semiconductors BC547 Datasheet HTML 9Page - NXP Semiconductors BC547 Datasheet HTML 10Page - NXP Semiconductors BC547 Datasheet HTML 11Page - NXP Semiconductors BC547 Datasheet HTML 12Page - NXP Semiconductors BC547 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
BC847_BC547_SER_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 10 December 2008
9 of 15
NXP Semiconductors
BC847/BC547 series
45 V, 100 mA NPN general-purpose transistors
VCE =5V
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
VCE =5V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
Fig 9.
Selection C: DC current gain as a function of
collector current; typical values
Fig 10. Selection C: Base-emitter voltage as a
function of collector current; typical values
IC/IB =20
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
IC/IB =10
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
Fig 11. Selection C: Collector-emitter saturation
voltage as a function of collector current;
typical values
Fig 12. Selection C: Base-emitter saturation voltage
as a function of collector current; typical
values
mgt731
10−1
110
102
103
IC (mA)
0
1200
1000
800
600
400
200
hFE
(1)
(2)
(3)
0
1200
1000
800
600
400
200
mgt732
10−2
10−1
110
102
103
IC (mA)
VBE
(mV)
(1)
(2)
(3)
104
103
102
10
mgt733
10−1
110
102
103
IC (mA)
VCEsat
(mV)
(1)
(2)
(3)
mgt734
10−1
110
102
103
IC (mA)
0
1200
1000
800
600
400
200
VBEsat
(mV)
(1)
(2)
(3)


Número de pieza similar - BC547

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
BC547 FAIRCHILD-BC547 Datasheet
141Kb / 6P
   NPN Epitaxial Silicon Transistor
logo
ON Semiconductor
BC547 ONSEMI-BC547 Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
ARTSCHIP ELECTRONICS CO...
BC547 ARTSCHIP-BC547 Datasheet
179Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
ON Semiconductor
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Rectron Semiconductor
BC547 RECTRON-BC547 Datasheet
93Kb / 3P
   NPN Silicon Planar Epitaxial Transistors
More results

Descripción similar - BC547

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC847 NXP-BC847 Datasheet
96Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847XMB NXP-BC847XMB Datasheet
349Kb / 14P
   45 V, 100 mA NPN general-purpose transistors
Rev. 1-5 March 2012
logo
Nexperia B.V. All right...
BC847XMB_SER NEXPERIA-BC847XMB_SER Datasheet
1,007Kb / 14P
   45 V, 100 mA NPN general-purpose transistors
Rev. 1 - 5 March 2012
logo
NXP Semiconductors
BC847B.235 NXP-BC847B.235 Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847 PHILIPS-BC847 Datasheet
131Kb / 18P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
Nexperia B.V. All right...
BC847XW_SER NEXPERIA-BC847XW_SER Datasheet
233Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
BC847XM_SER NEXPERIA-BC847XM_SER Datasheet
228Kb / 11P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
logo
NXP Semiconductors
BC847B.215 NXP-BC847B.215 Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Nexperia B.V. All right...
BC847XQA NEXPERIA-BC847XQA Datasheet
1Mb / 15P
   45 V, 100 mA NPN general-purpose transistors
BC847X-Q_SER NEXPERIA-BC847X-Q_SER Datasheet
226Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 2 - 24 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com