Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZX84-C6V8 Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza BZX84-C6V8
Descripción Electrónicos  Voltage regulator diodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX84-C6V8 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BZX84-C6V8 Datasheet HTML 2Page - NXP Semiconductors BZX84-C6V8 Datasheet HTML 3Page - NXP Semiconductors BZX84-C6V8 Datasheet HTML 4Page - NXP Semiconductors BZX84-C6V8 Datasheet HTML 5Page - NXP Semiconductors BZX84-C6V8 Datasheet HTML 6Page - NXP Semiconductors BZX84-C6V8 Datasheet HTML 7Page - NXP Semiconductors BZX84-C6V8 Datasheet HTML 8Page - NXP Semiconductors BZX84-C6V8 Datasheet HTML 9Page - NXP Semiconductors BZX84-C6V8 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Table 2
Per type BZX84-A/B/C27 to A/B/C75
Tj = 25 °C unless otherwise specified.
BZX84-
Axxx
Bxxx
Cxxx
WORKING VOLTAGE
VZ (V)
at IZtest = 2 mA
DIFFERENTIAL
RESISTANCE
rdif (Ω)
TEMP. COEFF.
SZ (mV/K)
at IZtest = 2 mA
(see Figs 4 and 5)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
VR = 0 V
NON-REPETITIVE
PEAK REVERSE
CURRENT
IZSM (A)
at tp = 100 μs;
Tamb = 25 °C
Tol.
±1% (A)
Tol.
±2% (B)
Tol. approx.
±5% (C)
at
IZtest = 0.5 mA
at
IZtest = 2 mA
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
MIN.
TYP.
MAX.
MAX.
MAX.
27
26.73
27.27
26.50
27.50
25.1
28.9
65
300
25
80
21.4
23.4
25.3
50
1.0
30
29.70
30.30
29.40
30.60
28.0
32.0
70
300
30
80
24.4
26.6
29.4
50
1.0
33
32.67
33.33
32.30
33.70
31.0
35.0
75
325
35
80
27.4
29.7
33.4
45
0.9
36
35.64
36.36
35.30
36.70
34.0
38.0
80
350
35
90
30.4
33.0
37.4
45
0.8
39
38.61
39.39
38.20
39.80
37.0
41.0
80
350
40
130
33.4
36.4
41.2
45
0.7
43
42.57
43.43
42.10
43.90
40.0
46.0
85
375
45
150
37.6
41.2
46.6
40
0.6
47
46.53
47.47
46.10
47.90
44.0
50.0
85
375
50
170
42.0
46.1
51.8
40
0.5
51
50.49
51.51
50.00
52.00
48.0
54.0
90
400
60
180
46.6
51.0
57.2
40
0.4
56
55.44
56.56
54.90
57.10
52.0
60.0
100
425
70
200
52.2
57.0
63.8
40
0.3
62
61.38
62.62
60.80
63.20
58.0
66.0
120
450
80
215
58.8
64.4
71.6
35
0.3
68
67.32
68.68
66.60
69.40
64.0
72.0
150
475
90
240
65.6
71.7
79.8
35
0.25
75
74.25
75.75
73.50
76.50
70.0
79.0
170
500
95
255
73.4
80.2
88.6
35
0.2


Número de pieza similar - BZX84-C6V8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BZX84-C6V8 PHILIPS-BZX84-C6V8 Datasheet
63Kb / 12P
   Voltage regulator diodes
2003 Apr 10
logo
General Semiconductor
BZX84-C6V8 GE-BZX84-C6V8 Datasheet
396Kb / 9P
   Zener Diodes
logo
TRANSYS Electronics Lim...
BZX84-C6V8 TEL-BZX84-C6V8 Datasheet
50Kb / 3P
   SILICON PLANAR VOLTAGE REGULATOR DIODES
logo
DAESAN ELECTRONIC CORP.
BZX84-C6V8 DAESAN-BZX84-C6V8 Datasheet
373Kb / 3P
   300mW SOT-23 ZENER DIODES
logo
NXP Semiconductors
BZX84-C6V8 NXP-BZX84-C6V8 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results

Descripción similar - BZX84-C6V8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com