Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVX3245MTC Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza 74LVX3245MTC
Descripción Electrónicos  8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX3245MTC Datasheet(HTML) 8 Page - Fairchild Semiconductor

  74LVX3245MTC Datasheet HTML 1Page - Fairchild Semiconductor 74LVX3245MTC Datasheet HTML 2Page - Fairchild Semiconductor 74LVX3245MTC Datasheet HTML 3Page - Fairchild Semiconductor 74LVX3245MTC Datasheet HTML 4Page - Fairchild Semiconductor 74LVX3245MTC Datasheet HTML 5Page - Fairchild Semiconductor 74LVX3245MTC Datasheet HTML 6Page - Fairchild Semiconductor 74LVX3245MTC Datasheet HTML 7Page - Fairchild Semiconductor 74LVX3245MTC Datasheet HTML 8Page - Fairchild Semiconductor 74LVX3245MTC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
D ATE 10/97.
MTC 24REV4
1
12
B
24
13
A
DETAIL
12° TOP & BO TTO M
0.75
0.45
0°-
1
12
13
24
R0.09M IN
(1.00)
0.65 TYP
0.20 CB A
0.10
C B Z
0.10 C
7.8±0.1
0.20 TYP
A
0.65
www.fairchildsemi.com
8
24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may
change in any manner without notice. Please note the revision and/or date on the drawing and contact a Fair-
child Semiconductor representative to verify or obtain the most recent revision. Package specifications do not
expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.


Número de pieza similar - 74LVX3245MTC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVX3245MTC FAIRCHILD-74LVX3245MTC Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTC FAIRCHILD-74LVX3245MTC Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LVX3245MTC ONSEMI-74LVX3245MTC Datasheet
389Kb / 12P
   8-Bit, Dual-Supply Translating Transceiver
April 2016 Rev. 1.6
logo
Fairchild Semiconductor
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LVX3245MTCX ONSEMI-74LVX3245MTCX Datasheet
389Kb / 12P
   8-Bit, Dual-Supply Translating Transceiver
April 2016 Rev. 1.6
More results

Descripción similar - 74LVX3245MTC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54LVX4245 NSC-54LVX4245 Datasheet
118Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
74LVX4245 NSC-74LVX4245 Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX3245 NSC-54LVX3245 Datasheet
114Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX4245_993 NSC-54LVX4245_993 Datasheet
120Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
logo
Nexperia B.V. All right...
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com