Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI6435DQ Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza SI6435DQ
Descripción Electrónicos  30V P-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI6435DQ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SI6435DQ Datasheet HTML 1Page - Fairchild Semiconductor SI6435DQ Datasheet HTML 2Page - Fairchild Semiconductor SI6435DQ Datasheet HTML 3Page - Fairchild Semiconductor SI6435DQ Datasheet HTML 4Page - Fairchild Semiconductor SI6435DQ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si6435DQ Rev B(W)
Typical Characteristics
0
5
10
15
20
25
30
01
23
45
-VDS, DRAIN TO SOURCE VOLTAGE (V)
V
GS = -10V
-3.5V
-4.0V
-4.5V
-3.0V
-6.0V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
5
10
15
20
25
30
-ID, DRAIN CURRENT (A)
V
GS = -4.0V
-5.0V
-4.5V
-6.0V
-7.0V
-8.0V
-10V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
I
D = -4.5A
V
GS = -10V
0.02
0.04
0.06
0.08
0.1
0.12
2468
10
-VGS, GATE TO SOURCE VOLTAGE (V)
I
D = -2.3A
T
A = 125
oC
T
A = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
4
8
12
16
1.5
2
2.5
3
3.5
4
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
VDS= - 5V
0.0001
0.001
0.01
0.1
1
10
00.2
0.4
0.6
0.811.2
-VSD, BODY DIODE FORWARD VOLTAGE (V)
V
GS = 0V
T
A = 125
oC
25
oC
-55
oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Número de pieza similar - SI6435DQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI6435ADQ VISHAY-SI6435ADQ Datasheet
62Kb / 3P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 29-Nov-99
SI6435ADQ VISHAY-SI6435ADQ Datasheet
94Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 31-Mar-08
SI6435ADQ VISHAY-SI6435ADQ Datasheet
203Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 31-Mar-08
SI6435ADQ-T1-E3 VISHAY-SI6435ADQ-T1-E3 Datasheet
203Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 31-Mar-08
SI6435ADQ-T1-E3 VISHAY-SI6435ADQ-T1-E3 Datasheet
203Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 31-Mar-08
More results

Descripción similar - SI6435DQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS9400A FAIRCHILD-FDS9400A Datasheet
165Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDT458P FAIRCHILD-FDT458P Datasheet
99Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI4435DY FAIRCHILD-SI4435DY Datasheet
93Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDD6685 FAIRCHILD-FDD6685 Datasheet
116Kb / 6P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P Datasheet
67Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P_08 Datasheet
216Kb / 5P
   30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com