Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC7540DB Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza 74HC7540DB
Descripción Electrónicos  Octal Schmitt trigger buffer/line driver; 3-state; inverting Rev. 4 ??31 December 2012
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC7540DB Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74HC7540DB Datasheet HTML 7Page - NXP Semiconductors 74HC7540DB Datasheet HTML 8Page - NXP Semiconductors 74HC7540DB Datasheet HTML 9Page - NXP Semiconductors 74HC7540DB Datasheet HTML 10Page - NXP Semiconductors 74HC7540DB Datasheet HTML 11Page - NXP Semiconductors 74HC7540DB Datasheet HTML 12Page - NXP Semiconductors 74HC7540DB Datasheet HTML 13Page - NXP Semiconductors 74HC7540DB Datasheet HTML 14Page - NXP Semiconductors 74HC7540DB Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
74HC_HCT7540
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 31 December 2012
11 of 16
NXP Semiconductors
74HC7540; 74HCT7540
Octal Schmitt trigger buffer/line driver; 3-state; inverting
Fig 11. Package outline SOT163-1 (SO20)
UNIT
A
max.
A1
A2
A3
bp
cD
(1)
E
(1)
(1)
eHE
LLp
Q
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
2.65
0.3
0.1
2.45
2.25
0.49
0.36
0.32
0.23
13.0
12.6
7.6
7.4
1.27
10.65
10.00
1.1
1.0
0.9
0.4
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
1.1
0.4
SOT163-1
10
20
w M
b p
detail X
Z
e
11
1
D
y
0.25
075E04
MS-013
pin 1 index
0.1
0.012
0.004
0.096
0.089
0.019
0.014
0.013
0.009
0.51
0.49
0.30
0.29
0.05
1.4
0.055
0.419
0.394
0.043
0.039
0.035
0.016
0.01
0.25
0.01
0.004
0.043
0.016
0.01
0
5
10 mm
scale
X
θ
A
A1
A2
HE
L p
Q
E
c
L
v M A
(A )
3
A
SO20: plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
99-12-27
03-02-19


Número de pieza similar - 74HC7540DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74HC7540DB NEXPERIA-74HC7540DB Datasheet
270Kb / 15P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting
Rev. 6 - 4 August 2021
More results

Descripción similar - 74HC7540DB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HCT1G14GW-125 PHILIPS-74HCT1G14GW-125 Datasheet
131Kb / 16P
   Inverting Schmitt trigger Rev. 6 ??27 December 2012
Rev. 6-27 December 2012
74HC7540 PHILIPS-74HC7540 Datasheet
55Kb / 7P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting
December 1990
logo
Nexperia B.V. All right...
74HCT7540 NEXPERIA-74HCT7540 Datasheet
270Kb / 15P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting
Rev. 6 - 4 August 2021
logo
NXP Semiconductors
74HC244D-652 PHILIPS-74HC244D-652 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state Rev. 4 ??24 September 2012
Rev. 4-24 September 2012
74HC7541D NXP-74HC7541D Datasheet
554Kb / 17P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 3-25 July 2011
74HC7541D NXP-74HC7541D Datasheet
35Kb / 2P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 3-25 July 2011
logo
Nexperia B.V. All right...
74HCT7541 NEXPERIA-74HCT7541 Datasheet
253Kb / 14P
   Octal Schmitt trigger buffer/line driver; 3-state
Rev. 8 - 3 August 2021
logo
List of Unclassifed Man...
74HC-HCT7541 ETC2-74HC-HCT7541 Datasheet
118Kb / 5P
   OCTAL SCHMITT TRIGGER BUFFER/LINE DRIVER;3-STATE
logo
NXP Semiconductors
74HC7541 PHILIPS-74HC7541 Datasheet
55Kb / 7P
   Octal Schmitt trigger buffer/line driver; 3-state
December 1990
logo
Nexperia B.V. All right...
74HC7541-Q100 NEXPERIA-74HC7541-Q100 Datasheet
951Kb / 15P
   Octal Schmitt trigger buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com