Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LA30QS400-4 Datasheet(PDF) 8 Page - Littelfuse |
|
LA30QS400-4 Datasheet(HTML) 8 Page - Littelfuse |
8 / 8 page Littelfuse.com © 2013 Littelfuse POWR-GARD® Products POWR-GARD® Fuse Datasheet Rev: 4-C-080613 8 of 8 la100p alTernaTe dimenSion SemiconducTor FuSeS 1000 VAC • Very Fast-Acting • 15-1000 A Description Littelfuse LA100P semiconductor protection fuses are rated 1000 V, extending the range of protection for UPS systems, AC and DC drives, reduced voltage motor starters and similar applications where lower I2t and superior reliability are needed. With ratings from 15-1000 amperes, a wide range of high voltage applications can be served. Features/Benefits • Low I2t minimizes damage to protected components on short-circuit. • Controlled arc voltage reduces stress to circuit components during fuse clearing. Specifications Voltage Rating AC: 1000 V DC: 750 V Interrupting Rating 100 kA Ampere Range 15 – 1000 A Approvals UL Recognized Web Resources For additional information, visit: littelfuse.com/la100p ampere raTing caTalog number mounTing Type maximum clearing i2t @1000 Vac (a2s x 103) WaTTS loSS @ raTed currenT (W) 15 LA100P15-1 1 0.6 3.4 20 LA100P20-1 1 0.8 5.9 25 LA100P25-1 1 1,3 9 30 LA100P30-1 1 1.5 12.8 35 LA100P35-4 4 2.2 7.3 40 LA100P40-4 4 2.9 8.3 50 LA100P50-4 4 4.5 11 60 LA100P60-4 4 6.5 13 80 LA100P80-4 4 12 14 100 LA100P100-4 4 18 18 125 LA100P125-4 4 28 23 150 LA100P150-4 4 41 28 200 LA100P200-4 4 72 36 225 LA100P225-4 4 91 40 250 LA100P250-4 4 110 46 300 LA100P300-4 4 160 55 350 LA100P350-4 4 220 65 400 LA100P400-4 4 290 70 500 LA100P500-4 4 450 90 600 LA100P600-4 4 650 110 650 LA100P650-4 4 780 120 700 LA100P700-4 4 880 125 800 LA100P800-4 4 1200 140 1000 LA100P1000-4 4 1900 190 Dimensions for reference only. ampereS mounTing Type Figure no. dimenSionS incheS (mm) a b c d e F g h J 15 – 30 1 1 2.53 (66.8) 0.56 (14.2) – – – – – – – 35 – 60 4 2 5.00 (127) 1.00 (25.4) 3.50 (88.9) 4.31 (109) 4.19 (106) 0.31 (7.9) 0.75 (19.1) 0.13 (3.3) – 65 – 100 4 2 5.00 (127) 1.22 (31) 3.50 (88.9) 4.31 (109) 4.19 (106) 0.31 (7.9) 1.00 (25.4) 0.19 (4.8) – 125 – 200 4 2 5.72 (145) 1.50 (38.1) 3.47 (88.1) 4.78 (121) 4.16 (106) 0.41 (10.4) 1.00 (25.4) 0.25 (6.4) – 225 – 400 4 2 5.72 (145) 2.00 (50.8) 3.47 (88.1) 4.78 (121) 4.16 (106) 0.41 (10.4) 1.50 (25.4) 0.25 (6.4) – 500 – 600 4 2 7.72 (196) 2.50 (63.5) 3.47 (88.1) 5.88 (149) 5.56 (147) 0.53 (13.5) 2.00 (50.8) 0.38 (9.7) – 650 – 800 4 3 7.44 (189) 2.88 (73.2) 3.94 (100) 5.94 (151) – 0.63 (16) 2.00 (50.8) 0.38 (9.7) 0.31 (7.9) 1000 4 4 8.22 (209) 3.50 (88.9) 4.47 (114) 6.59 (167) 5.84 (148) 0.63 (16) 2.75 (69.9) 0.50 (12.7) 1.38 (35.1) Optional Trigger Indicator (TI) for 50 A - 1000 A available Contact Littelfuse for characteristic curves. Figure 1 Figure 3 Figure 2 Figure 4 Dimensions LA100P Series Semiconductor Fuses |
Número de pieza similar - LA30QS400-4 |
|
Descripción similar - LA30QS400-4 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |