Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC7524IFNG3 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TLC7524IFNG3
Descripción Electrónicos  8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7524IFNG3 Datasheet(HTML) 2 Page - Texas Instruments

  TLC7524IFNG3 Datasheet HTML 1Page - Texas Instruments TLC7524IFNG3 Datasheet HTML 2Page - Texas Instruments TLC7524IFNG3 Datasheet HTML 3Page - Texas Instruments TLC7524IFNG3 Datasheet HTML 4Page - Texas Instruments TLC7524IFNG3 Datasheet HTML 5Page - Texas Instruments TLC7524IFNG3 Datasheet HTML 6Page - Texas Instruments TLC7524IFNG3 Datasheet HTML 7Page - Texas Instruments TLC7524IFNG3 Datasheet HTML 8Page - Texas Instruments TLC7524IFNG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TLC7524C, TLC7524E, TLC7524I
8BIT MULTIPLYING DIGITALTOANALOG CONVERTERS
SLAS061D − SEPTEMBER 1986 − REVISED JUNE 2007
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
Data Inputs
Data Latches
13
WR
12
CS
REF
15
11
DB0
(LSB)
6
DB5
5
DB6
4
DB7
(MSB)
GND
3
OUT2
2
OUT1
1
RFB
16
R
R
R
R
2R
2R
S-8
2R
S-3
2R
S-2
S-1
2R
Terminal numbers shown are for the D or N package.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VDD
−0.3V to 16.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range, VI
−0.3V to VDD + 0.3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference voltage, Vref
±25V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak digital input current, II
10
µA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLC7524C
0
°C to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC7524I
−25
°C to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC7524E
−40
°C to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds, TC: FN package
+260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6mm (1/16 inch) from case for 10 seconds: D, N, or PW package
+260
°C
. . . . . . . . . . .
package/ordering information
For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI website at www.ti.com.


Número de pieza similar - TLC7524IFNG3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC7524IFN TI-TLC7524IFN Datasheet
146Kb / 10P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
More results

Descripción similar - TLC7524IFNG3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC7524C TI-TLC7524C_08 Datasheet
633Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C Datasheet
146Kb / 10P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C Datasheet
247Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI-TLC7628C Datasheet
156Kb / 10P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
logo
Hitachi Semiconductor
HA17008RP HITACHI-HA17008RP Datasheet
61Kb / 11P
   8-Bit Multiplying Digital to Analog Converter
logo
Texas Instruments
TLC7528CNSR TI1-TLC7528CNSR Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 8-BI MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
logo
Hitachi Semiconductor
HA17408P HITACHI-HA17408P Datasheet
22Kb / 4P
   8-Bit Multiplying Digital-to-Analog Converter
logo
Texas Instruments
TLC7524C TI-TLC7524C_15 Datasheet
800Kb / 23P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVVERTERS
TLC7628C TI-TLC7628C_15 Datasheet
856Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com