Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS38 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza SS38
Descripción Electrónicos  3.0 Ampere Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SS38 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SS38 Datasheet HTML 1Page - Fairchild Semiconductor SS38 Datasheet HTML 2Page - Fairchild Semiconductor SS38 Datasheet HTML 3Page - Fairchild Semiconductor SS38 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS32 - S310, Rev. B1
Surface Mount Schottky Barrier Rectifiers
(continued)
Typical Characteristics
Transient Thermal Impedance
0.01
0.1
1
10
100
0.1
1
10
100
T. PULSE DURATION (sec.)
Non-Repetitive Surge Current
12
5
10
20
50
100
0
20
40
60
80
100
NUMBER OF CYCLES AT 60Hz
Forward Current Derating Curve
0
25
50
75
100
125
150
175
0
1
2
3
AMBIENT TEMPERATURE ( C)
º
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED
ON 0.55 x 0.55"
(14 x 14) mm
COPPER PAD AREAS
Forward Characteristics
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0.01
0.1
1
10
50
FORWARD VOLTAGE (V)
Pulse Width = 300
µS
2% Duty Cycle
T = 25 C
º
A
T = 150 C
º
A
T = 125 C
º
A
SS32-SS34
SS35-S310
Reverse Characteristics
0
20406080
100
120
140
0.001
0.01
0.1
1
10
20
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
T = 25 C
º
A
T = 75 C
º
A
T = 125 C
º
A
SS32-SS34
SS35-S310
SS35-S310
SS32-SS34
Typical Junction Capacitance
0.1
1
10
100
10
100
1000
REVERSE VOLTAGE (V)
SS32-SS34
SS35-S310


Número de pieza similar - SS38

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Galaxy Semi-Conductor H...
SS38 BILIN-SS38 Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Continental Device Indi...
SS38 CDIL-SS38 Datasheet
173Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Yint Electroni...
SS38 YINT-SS38 Datasheet
453Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SS38 DGNJDZ-SS38 Datasheet
258Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS38 LUGUANG-SS38 Datasheet
150Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
More results

Descripción similar - SS38

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
1N5820 FAIRCHILD-1N5820 Datasheet
39Kb / 2P
   3.0 Ampere Schottky Barrier Rectifiers
logo
Thinki Semiconductor Co...
SS32 THINKISEMI-SS32 Datasheet
503Kb / 2P
   3.0 AMPERE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Yea Shin Technology Co....
SB1620FCT YEASHIN-SB1620FCT Datasheet
1Mb / 4P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
SS12 FAIRCHILD-SS12 Datasheet
341Kb / 6P
   1.0 Ampere Schottky Barrier Rectifiers
logo
Transys Electronics
SB120S TRSYS-SB120S Datasheet
145Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB1620 TRSYS-SB1620 Datasheet
147Kb / 2P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB820 TRSYS-SB820 Datasheet
146Kb / 2P
   8 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
MBR2535CT FAIRCHILD-MBR2535CT Datasheet
35Kb / 3P
   30 Ampere Schottky Barrier Rectifiers
logo
Surge Components
1N5820 SURGE-1N5820 Datasheet
76Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 3.0 Ampere???
logo
Transys Electronics
SB120 TRSYS-SB120 Datasheet
145Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com