Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
4N26-M Datasheet(PDF) 6 Page - Rohm |
|
4N26-M Datasheet(HTML) 6 Page - Rohm |
6 / 15 page 6/15/05 4N25 4N26 4N27 4N28 4N35 4N36 4N37 H11A1 H11A2 H11A3 H11A4 H11A5 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS Page 6 of 15 © 2005 Fairchild Semiconductor Corporation TYPICAL PERFORMANCE CURVES Fig.3 Normalized CTR vs. Forward Current (Black Package) Fig.4 Normalized CTR vs. Forward Current (White Package) IF - FORWARD CURRENT (mA) IF - FORWARD CURRENT (mA) 05 10 15 20 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 VCE = 5.0V TA = 25°C 02468 10 12 14 16 18 20 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 VCE = 5.0V TA = 25°C Normalized to IF = 10 mA Fig. 5 Normalized CTR vs. Ambient Temperature (Black Package) Fig. 6 Normalized CTR vs. Ambient Temperature (White Package) -75 -50 -25 0 25 50 75 100 125 0.4 0.6 0.8 1.0 1.2 1.4 1.6 Normalized to IF = 10 mA TA = 25°C IF = 10 mA IF = 20 mA TA - AMBIENT TEMPERATURE (°C) TA - AMBIENT TEMPERATURE (°C) -60 -40 -20 0 20 40 60 80 100 0.2 0.4 0.6 0.8 1.0 1.2 1.4 IF = 5 mA IF = 5 mA IF = 10 mA IF = 20 mA Normalized to IF = 10 mA TA = 25°C Normalized to IF = 10 mA IF - LED FORWARD CURRENT (mA) Fig. 2 LED Forward Voltage vs. Forward Current (White Package) 110 100 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 TA = 25°C TA = -55°C TA = 100°C IF - LED FORWARD CURRENT (mA) Fig. 1 LED Forward Voltage vs. Forward Current (Black Package) 110 100 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 TA = 25°C TA = -55°C TA = 100°C |
Número de pieza similar - 4N26-M |
|
Descripción similar - 4N26-M |