Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS345PT Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

No. de pieza SS345PT
Descripción Electrónicos  Magnetic Sensors Line Guide
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONEYWELL [Honeywell Solid State Electronics Center]
Página de inicio  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS345PT Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button SS345PT Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS345PT Datasheet HTML 4Page - Honeywell Solid State Electronics Center SS345PT Datasheet HTML 5Page - Honeywell Solid State Electronics Center SS345PT Datasheet HTML 6Page - Honeywell Solid State Electronics Center SS345PT Datasheet HTML 7Page - Honeywell Solid State Electronics Center SS345PT Datasheet HTML 8Page - Honeywell Solid State Electronics Center SS345PT Datasheet HTML 9Page - Honeywell Solid State Electronics Center SS345PT Datasheet HTML 10Page - Honeywell Solid State Electronics Center SS345PT Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
sensing.honeywell.com
7
1GT Series
Description
single Hall-effect sensor
Supply voltage range
4.5 Vdc to 26.5 Vdc (inclusive)
Supply current
20 mA
Output type
digital sinking (open collector)
Operating frequency range
0 Hz to 25 kHz (inclusive)
Operating temperature range
-40 °C to 150 °C [-40 °F to 302 °F]
LcZ Series
SnDh-T Series
SnDh-h Series
Description
single Hall-effect zero speed sensor
dual differential Hall-effect quadrature
speed and direction sensor
Hall-effect speed sensor
Housing
stainless steel
n/a
stainless steel or plastic
Supply voltage range
4.5 Vdc to 26 Vdc
4.5 Vdc to 18 Vdc
4 Vdc to 24 Vdc (inclusive)
Supply current
20 mA
18 mA max.
20 mA max.
Output type
digital sinking
square wave
digital sinking
Operating frequency range
0 Hz to 15 kHz
1 Hz to 15 kHz
0 Hz to 15 kHz, 2 Hz to 15 kHz
Operating temperature range
-40 °C to 125 °C [-40 °F to 257 °F]
-40 °C to 150 °C [-40 °F to 302 °F]
-40 °C to 150 °C [-40 °F to 302 °F]
Speed and
direction sensors
Speed and
direction sensors
Zh10
GTn Series
SnDJ Series
Description
single Hall-effect zero speed sensor
single Hall-effect sensor
zero speed Hall-effect sensor,
differential Hall-effect sensor,
dual Hall-effect sensor
Housing
aluminum
n/a
n/a
Supply voltage range
4 Vdc to 24 Vdc
8 Vdc to 32 Vdc (inclusive)
8 Vdc to 32 Vdc (inclusive)
Supply current
6 mA
40 mA
10 mA to 20 mA max. (inclusive)
Output type
digital sinking
digital sinking (open collector)
square wave and one direction signal,
square wave signal from NPN output
transistor with 2.7 kOhm pull-up, dc-
coupled to supply,
square wave signal from push-pull stage,
dc-coupled to supply
Operating frequency range
0 Hz to 15 kHz
2 Hz to 9 kHz
0 Hz to 15 kHz (inclusive)
Operating temperature range
-40 °C to 125 °C [-40 °F to 257 °F]
-40 °C to 125 °C [-40 °F to 257 °F]
-20 °C to 100 °C [-4 °F to 212 °F]
Speed and
direction sensors


Número de pieza similar - SS345PT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Honeywell Solid State E...
SS345PT HONEYWELL-SS345PT Datasheet
431Kb / 4P
   Unipolar Hall-Effect Digital Position Sensors With Built-in Pull-up Resistor
More results

Descripción similar - SS345PT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Honeywell Solid State E...
SD5410-001 HONEYWELL-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
135-105QAF-J01 HONEYWELL-135-105QAF-J01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
logo
Honeywell Accelerometer...
ICL1250002-01 HONEYWELL-ACC-ICL1250002-01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
HOA7720-M22 HONEYWELL-ACC-HOA7720-M22 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
R300 HONEYWELL-R300 Datasheet
736Kb / 11P
   Temperature Sensors Line Guide
logo
Honeywell Accelerometer...
135-502FAF-J10 HONEYWELL-ACC-135-502FAF-J10 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
HEL-776-A-U-0 HONEYWELL-ACC-HEL-776-A-U-0 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
HOA0901-012 HONEYWELL-ACC-HOA0901-012 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
SE1450-004 HONEYWELL-SE1450-004 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD1420-002 HONEYWELL-ACC-SD1420-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com