Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9258BCPZRL7-801 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD9258BCPZRL7-801
Descripción Electrónicos  14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9258BCPZRL7-801 Datasheet(HTML) 3 Page - Analog Devices

  AD9258BCPZRL7-801 Datasheet HTML 1Page - Analog Devices AD9258BCPZRL7-801 Datasheet HTML 2Page - Analog Devices AD9258BCPZRL7-801 Datasheet HTML 3Page - Analog Devices AD9258BCPZRL7-801 Datasheet HTML 4Page - Analog Devices AD9258BCPZRL7-801 Datasheet HTML 5Page - Analog Devices AD9258BCPZRL7-801 Datasheet HTML 6Page - Analog Devices AD9258BCPZRL7-801 Datasheet HTML 7Page - Analog Devices AD9258BCPZRL7-801 Datasheet HTML 8Page - Analog Devices AD9258BCPZRL7-801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
AD9258
Rev. A | Page 3 of 44
GENERAL DESCRIPTION
The AD9258 is a dual, 14-bit, 80 MSPS/105 MSPS/125 MSPS
analog-to-digital converter (ADC). The AD9258 is designed to
support communications applications where high performance,
combined with low cost, small size, and versatility, is desired.
The dual ADC core features a multistage, differential pipelined
architecture with integrated output error correction logic. Each
ADC features wide bandwidth differential sample-and-hold
analog input amplifiers that support a variety of user-selectable
input ranges. An integrated voltage reference eases design consid-
erations. A duty cycle stabilizer is provided to compensate for
variations in the ADC clock duty cycle, allowing the converters
to maintain excellent performance.
The ADC output data can be routed directly to the two external
14-bit output ports. These outputs can be set to either 1.8 V CMOS
or LVDS.
Flexible power-down options allow significant power savings,
when desired.
Programming for setup and control is accomplished using a 3-wire
SPI-compatible serial interface.
The AD9258 is available in a 64-lead LFCSP and is specified over
the industrial temperature range of −40°C to +85°C.


Número de pieza similar - AD9258BCPZRL7-801

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9258BCPZRL7-801 AD-AD9258BCPZRL7-801 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
More results

Descripción similar - AD9258BCPZRL7-801

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com