Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4041AEM3-1.2-T Datasheet(PDF) 5 Page - Maxim Integrated Products

No. de pieza LM4041AEM3-1.2-T
Descripción Electrónicos  Improved Precision Micropower Shunt Voltage Reference
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM4041AEM3-1.2-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  LM4041AEM3-1.2-T Datasheet HTML 1Page - Maxim Integrated Products LM4041AEM3-1.2-T Datasheet HTML 2Page - Maxim Integrated Products LM4041AEM3-1.2-T Datasheet HTML 3Page - Maxim Integrated Products LM4041AEM3-1.2-T Datasheet HTML 4Page - Maxim Integrated Products LM4041AEM3-1.2-T Datasheet HTML 5Page - Maxim Integrated Products LM4041AEM3-1.2-T Datasheet HTML 6Page - Maxim Integrated Products LM4041AEM3-1.2-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Detailed Description
The LM4041 shunt references use the bandgap princi-
ple to produce a stable, accurate voltage. The device
behaves similarly to an ideal zener diode; a fixed volt-
age of +1.225V is maintained across its output termi-
nals when biased with 60µA to 12mA of reverse
current. The LM4041 behaves similarly to a silicon
diode when biased with forward currents up 10mA.
Figure 3 shows a typical operating circuit. The LM4041
is ideal for providing a stable reference from a high-
voltage power supply.
Applications Information
The LM4041’s internal pass transistor is used to main-
tain a constant output voltage (VSHUNT) by sinking the
necessary amount of current across a source resistor.
The source resistance (RS) is determined from the load
current (ILOAD) range, supply voltage (VS) variations,
VSHUNT, and desired quiescent current.
Choose the value of RS when VS is at a minimum and
ILOAD is at a maximum. Maintain a minimum ISHUNT of
60µA at all times. The RS value should be large enough
to keep ISHUNT less than 12mA for proper regulation
when VS is maximum and ILOAD is at a minimum. To
prevent damage to the device, ISHUNT should never
exceed 20mA.
Therefore, the value of RS is bounded by the following
equation:
[VS(MIN) - VR ] / [60µA + ILOAD(MAX)] > RS >
[VS(MAX) - VR ] / [20mA + ILOAD(MIN)]
Choosing a larger resistance minimizes the total power
dissipation in the circuit by reducing the shunt current
(PD(TOTAL) = VS ISHUNT). Provide a safety margin to
incorporate the worst-case tolerance of the resistor
used. Ensure that the resistor’s power rating is ade-
quate, using the following general power equation:
PR = ISHUNT (VS(MAX) - VR)
Output Capacitance
The LM4041 does not require an external capacitor for
frequency stability and is stable for any output capaci-
tance.
Temperature Performance
The LM4041 typically exhibits an output voltage tem-
perature coefficient within ±15ppm/°C. The polarity of
the temperature coefficient may be different from one
device to another; some may have positive coefficients,
and others may have negative coefficients.
Improved Precision Micropower
Shunt Voltage Reference
_______________________________________________________________________________________
5
Pin Description
PIN
NAME
FUNCTION
1
+
Positive Terminal of the Shunt Reference
2
Negative Terminal of the Shunt Reference
3
N.C.
Leave this pin unconnected, or connect to pin 2.
Figure 3. Typical Operating Circuit
LM4041
ILOAD
ISHUNT
RS
VS
VR
ISHUNT + ILOAD


Número de pieza similar - LM4041AEM3-1.2-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
LM4041AEM3-1.2+T MAXIM-LM4041AEM3-1.2+T Datasheet
143Kb / 7P
   Improved Precision Micropower Shunt Voltage Reference
19-1704; Rev 5; 1/09
More results

Descripción similar - LM4041AEM3-1.2-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
LM4041 MAXIM-LM4041 Datasheet
143Kb / 7P
   Improved Precision Micropower Shunt Voltage Reference
19-1704; Rev 5; 1/09
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com