Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADXL78 Datasheet(PDF) 6 Page - Analog Devices |
|
ADXL78 Datasheet(HTML) 6 Page - Analog Devices |
6 / 12 page ADXL78 Rev. B | Page 6 of 12 tP tL t25°C TO PEAK tS PREHEAT CRITICAL ZONE TL TO TP TIME RAMP-DOWN RAMP-UP TSMIN TSMAX TP TL Figure 3. Recommended Soldering Profile Table 4. Recommended Soldering Profile Profile Feature Sn63/Pb37 Pb-Free AVERAGE RAMP RATE (TL TO TP) 3°C/s max 3°C/s max PREHEAT Minimum Temperature (TSMIN) 100°C 150°C Maximum Temperature (TSMAX) 150°C 200°C TIME (TSMIN TO TSMAX), tS 60 s − 120 s 60 s − 150 s TSMAX TO TL Ramp-Up Rate 3°C/s 3°C/s TIME MAINTAINED ABOVE LIQUIDOUS (TL) Liquidous Temperature (TL) 183°C 217°C Time (tL) 60 s − 150 s 60 s − 150 s PEAK TEMPERATURE (TP) 240°C + 0°C/−5°C 260°C + 0°C/−5°C TIME WITHIN 5°C OF ACTUAL PEAK TEMPERATURE (tP) 10 s − 30 s 20 s − 40 s RAMP-DOWN RATE 6°C/s max 6°C/s max TIME 25°C TO PEAK TEMPERATURE 6 min max 8 min max EARTH'S SURFACE XXXXX XXXX 22280 PIN 8 XOUT = 2.462V XOUT = 2.500V XOUT = 2.500V XOUT = 2.538V XOUT = 2.500V Figure 4. Output Response vs. Orientation |
Número de pieza similar - ADXL78 |
|
Descripción similar - ADXL78 |