Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DZ2J240M0L Datasheet(PDF) 4 Page - Panasonic Semiconductor

No. de pieza DZ2J240M0L
Descripción Electrónicos  Silicon epitaxial planar type For constant voltage / For surge absorption circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DZ2J240M0L Datasheet(HTML) 4 Page - Panasonic Semiconductor

  DZ2J240M0L Datasheet HTML 1Page - Panasonic Semiconductor DZ2J240M0L Datasheet HTML 2Page - Panasonic Semiconductor DZ2J240M0L Datasheet HTML 3Page - Panasonic Semiconductor DZ2J240M0L Datasheet HTML 4Page - Panasonic Semiconductor DZ2J240M0L Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Product Standards
Zener Diode
DZ2J240
0L
Unit: mm
Page
SMini2-F5-B
4
4of
Land Pattern (Reference) (Unit: mm)
0.35±0.05
0.50±0.05
0.13
+0.05
-0.02
1.25±0.10
(5°)
0 to 0.05
1
2
1.1
0.9
Doc No. TT4-EA-11562
Revision. 4
Established : 2009-10-14
Revised
: 2013-07-16


Número de pieza similar - DZ2J240M0L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
DZ2J200M0L PANASONIC-DZ2J200M0L Datasheet
6Mb / 67P
   Service Manual
2014
DZ2J220 PANASONIC-DZ2J220 Datasheet
312Kb / 4P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
logo
Panasonic Battery Group
DZ2J220M0L PANASONICBATTERY-DZ2J220M0L Datasheet
336Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
More results

Descripción similar - DZ2J240M0L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Battery Group
DZ2J030M0L PANASONICBATTERY-DZ2J030M0L Datasheet
334Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
logo
Panasonic Semiconductor
DZ2J047X0L PANASONIC-DZ2J047X0L Datasheet
333Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J220 PANASONIC-DZ2J220 Datasheet
312Kb / 4P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J047M0L PANASONIC-DZ2J047M0L Datasheet
341Kb / 5P
   Silicon epitaxial planar type For constant voltage For surge absorption circuit
logo
Panasonic Battery Group
DZ2J220M0L PANASONICBATTERY-DZ2J220M0L Datasheet
336Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
logo
Panasonic Semiconductor
DZ2J140 PANASONIC-DZ2J140 Datasheet
312Kb / 4P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J130X0L PANASONIC-DZ2J130X0L Datasheet
335Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J100 PANASONIC-DZ2J100 Datasheet
312Kb / 4P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J033X0L PANASONIC-DZ2J033X0L Datasheet
334Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J150 PANASONIC-DZ2J150 Datasheet
312Kb / 4P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
DZ2J110X0L PANASONIC-DZ2J110X0L Datasheet
334Kb / 5P
   Silicon epitaxial planar type For constant voltage / For surge absorption circuit
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com