|
| TL494 |
|
||
|
FAIRCHILD |
|
2 page
TL494 2 Absolute Maximum Ratings Parameter Symbol Value Unit Supply Voltage VCC 42 V Collector Supply Voltage VC 42 V Output Current IO 250 mA Amplifier Input Voltage VIN VCC + 0.3 V Power Dissipation (TA = 25 °C) PD 1 (TL494CN) 0.9 (TL494CD) W Operating Temperature Range TOPR 0 ~ +70 °C Storage Temperature Range TSTG -65 ~ + 150 °C |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| L6565 | QUASI-RESONANT SMPS CONTROLLER | 1 2 3 4 5 More | STMicroelectronics |
| KA3846 | SMPS Controller | 1 2 3 4 5 More | Fairchild Semiconductor |
| KA3882 | SMPS CONTROLLER | 1 2 3 4 5 | Fairchild Semiconductor |
| ICE2A0565 | Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS | 1 2 3 4 5 More | Infineon Technologies AG |
| KA7500B | SMPS Controller | 1 2 3 4 5 More | Fairchild Semiconductor |
| ICE3A0365 | Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS | 1 2 3 4 5 More | Infineon Technologies AG |
| KA7500C | SMPS Controller | 1 2 3 4 5 More | Fairchild Semiconductor |
| KA7515 | SMPS Controller | 1 2 3 4 5 More | Fairchild Semiconductor |
| UC3525A | SMPS Controller | 1 2 3 4 5 More | Fairchild Semiconductor |
| UC3842 | SMPS Controller | 1 2 3 4 5 More | Fairchild Semiconductor |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |