Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5040 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD5040
Descripción Electrónicos  Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5040 Datasheet(HTML) 5 Page - Analog Devices

  AD5040 Datasheet HTML 1Page - Analog Devices AD5040 Datasheet HTML 2Page - Analog Devices AD5040 Datasheet HTML 3Page - Analog Devices AD5040 Datasheet HTML 4Page - Analog Devices AD5040 Datasheet HTML 5Page - Analog Devices AD5040 Datasheet HTML 6Page - Analog Devices AD5040 Datasheet HTML 7Page - Analog Devices AD5040 Datasheet HTML 8Page - Analog Devices AD5040 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD5066
Rev. A | Page 5 of 24
TIMING CHARACTERISTICS
All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2, VDD = 2.7 V to
5.5 V, all specifications TMIN to TMAX, unless otherwise noted. See Figure 2.
Table 4.
Parameter1
Symbol
Min
Typ
Max
Unit
SCLK Cycle Time
t
1
20
ns
SCLK High Time
t
2
10
ns
SCLK Low Time
t
3
10
ns
SYNC to SCLK Falling Edge Set-Up Time
t
4
17
ns
Data Set-Up Time
t
5
5
ns
Data Hold Time
t
6
5
ns
SCLK Falling Edge to SYNC Rising Edge
t
7
5
30
ns
Minimum SYNC High Time
t
8
Single Channel Update
3
µs
All Channel Update
8
µs
SYNC Rising Edge to SCLK Fall Ignore
t
9
17
ns
LDAC Pulse Width Low
t
10
20
ns
SCLK Falling Edge to LDAC Rising Edge
t
11
20
ns
CLR Pulse Width Low
t
12
10
ns
SCLK Falling Edge to LDAC Falling Edge
t
13
10
ns
CLR Pulse Activation Time
t
14
10.6
µs
1 Maximum SCLK frequency is 50 MHz. Guaranteed by design and characterization; not production tested.
t4
t3
SCLK
SYNC
DIN
t1
t2
t5
t6
t7
t8
DB31
t9
t10
t11
LDAC 1
LDAC 2
t13
1ASYNCHRO NO US LDAC UPDATE M O DE.
2SYNCHRO NO US LDAC UPDATE M O DE.
CLR
t12
t14
VOUT
DB0
Figure 2. Serial Write Operation


Número de pieza similar - AD5040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5040 AD-AD5040 Datasheet
829Kb / 17P
   Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
Rev. PrC
AD5040 AD-AD5040 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5040 AD-AD5040 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5040 AD-AD5040 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5040 AD-AD5040 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
More results

Descripción similar - AD5040

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066 AD-AD5066 Datasheet
445Kb / 20P
   Fully Accurate 16-Bit UnBuffered VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
Rev. PrB
AD5064BRUZ-1 AD-AD5064BRUZ-1 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5044 AD-AD5044_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
REV. 0
AD5063 AD-AD5063_09 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5063 AD-AD5063_15 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5025 AD-AD5025_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com