Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD5066ARUZ-REEL7 Datasheet(PDF) 10 Page - Analog Devices |
|
AD5066ARUZ-REEL7 Datasheet(HTML) 10 Page - Analog Devices |
10 / 24 page AD5066 Rev. A | Page 10 of 24 –0.0020 –0.0015 –0.0010 –0.0005 0.0005 0 0.0010 0.0015 0.0020 –40 –20 0 20 40 60 80 100 120 TEMPERATURE (°C) VDD = 5V VREF = 4.096V Figure 16. Gain Error vs. Temperature –0.010 –0.005 0 0.005 0.010 2.7 3.2 3.7 4.2 4.7 5.2 VDD (V) FULL-SCALE ERROR GAIN ERROR VDD = 5V VREF = 4.096V TA = 25°C Figure 17. Gain Error and Full-Scale Error vs. Supply Voltage 0 5 10 15 20 2.7 3.7 4.7 VDD (V) VDD = 5V VREF = 4.096V TA = 25°C Figure 18. Zero-Code Error vs. Supply Voltage 7 2.45 IDD POWER-UP (mA) 6 5 4 3 2 1 0 2.50 2.55 2.60 2.65 2.70 VDD = 5V DAC OUTPUT UNLOADED TA = 25°C Figure 19. IDD Histogram VDD = 5.5 V 60 50 40 30 20 10 0 0.2 0.4 0.6 IDD POWERDOWN (µA) 0.8 1.0 +125°C IDD POWERDOWN +25°C IDD POWERDOWN –40°C IDD POWERDOWN VDD = 5V TA = 25°C DAC OUTPUT UNLOADED Figure 20. IDD Power-Down Histogram 0 1 2 3 4 5 0 10,000 20,000 30,000 40,000 DAC CODE 50,000 60,000 VDD = 5.5V VREF = 4.096V TA = 25°C Figure 21. IDD vs. Code |
Número de pieza similar - AD5066ARUZ-REEL7 |
|
Descripción similar - AD5066ARUZ-REEL7 |