Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD5623RBCPZ-3REEL7 Datasheet(PDF) 8 Page - Analog Devices |
|
AD5623RBCPZ-3REEL7 Datasheet(HTML) 8 Page - Analog Devices |
8 / 32 page AD5623R/AD5643R/AD5663R Data Sheet Rev. F | Page 8 of 32 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 6. Parameter Rating VDD to GND −0.3 V to +7 V VOUT to GND −0.3 V to VDD + 0.3 V VREFIN/VREFOUT to GND −0.3 V to VDD + 0.3 V Digital Input Voltage to GND −0.3 V to VDD + 0.3 V Operating Temperature Range Industrial −40°C to +105°C Storage Temperature Range −65°C to +150°C Junction Temperature (TJ max) 150°C Power Dissipation (TJ max − TA)/θJA LFCSP Package (4-Layer Board) θJA Thermal Impedance 61°C/W MSOP Package (4-Layer Board) θJA Thermal Impedance 142°C/W θJC Thermal Impedance 43.7°C/W Reflow Soldering Peak Temperature Pb-Free 260(+0/−5)°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
Número de pieza similar - AD5623RBCPZ-3REEL7 |
|
Descripción similar - AD5623RBCPZ-3REEL7 |