Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8274 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD8274
Descripción Electrónicos  Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8274 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8274 Datasheet HTML 4Page - Analog Devices AD8274 Datasheet HTML 5Page - Analog Devices AD8274 Datasheet HTML 6Page - Analog Devices AD8274 Datasheet HTML 7Page - Analog Devices AD8274 Datasheet HTML 8Page - Analog Devices AD8274 Datasheet HTML 9Page - Analog Devices AD8274 Datasheet HTML 10Page - Analog Devices AD8274 Datasheet HTML 11Page - Analog Devices AD8274 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8278/AD8279
Rev. C | Page 8 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
REF 1
–IN 2
+IN 3
–VS 4
NC
8
+VS
7
OUT
6
SENSE
5
NC = NO CONNECT
AD8278
TOP VIEW
(Not to Scale)
Figure 4. MSOP Pin Configuration
REF 1
–IN 2
+IN 3
–VS 4
NC
8
+VS
7
OUT
6
SENSE
5
NC = NO CONNECT
AD8278
TOP VIEW
(Not to Scale)
Figure 5. SOIC Pin Configuration
Table 8. AD8278 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
REF
Reference Voltage Input.
2
−IN
Inverting Input.
3
+IN
Noninverting Input.
4
−VS
Negative Supply.
5
SENSE
Sense Terminal.
6
OUT
Output.
7
+VS
Positive Supply.
8
NC
No Connect.
NC 1
–INA 2
+INA 3
–VS 4
REFA
14
13
12
11
+INB 5
10
–INB 6
9
NC 7
8
NC = NO CONNECT
AD8279
TOP VIEW
(Not to Scale)
OUTA
SENSEA
+VS
SENSEB
OUTB
REFB
Figure 6. 14-Lead SOIC Pin Configuration
Table 9. AD8279 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NC
No Connect.
2
−INA
Channel A Inverting Input.
3
+INA
Channel A Noninverting Input.
4
−VS
Negative Supply.
5
+INB
Channel B Noninverting Input.
6
−INB
Channel B Inverting Input.
7
NC
No Connect.
8
REFB
Channel B Reference Voltage Input.
9
OUTB
Channel B Output.
10
SENSEB
Channel B Sense Terminal.
11
+VS
Positive Supply.
12
SENSEA
Channel A Sense Terminal.
13
OUTA
Channel A Output.
14
REFA
Channel A Reference Voltage Input.


Número de pieza similar - AD8274

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8274 AD-AD8274 Datasheet
428Kb / 16P
   Very Low Distortion, Precision Difference Amplifier
REV. A
logo
Aavid, Thermal Division...
AD8274 AAVID-AD8274 Datasheet
375Kb / 16P
   Very Low Distortion, Precision Difference Amplifier
AD8274 AAVID-AD8274 Datasheet
398Kb / 16P
   G = 0.2, Level Translation, 16-Bit ADC Driver
logo
Analog Devices
AD8274 AD-AD8274 Datasheet
381Kb / 20P
   Programmable Gain Precision Difference Amplifier
Rev. 0
AD8274 AD-AD8274 Datasheet
329Kb / 16P
   Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
More results

Descripción similar - AD8274

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8276 AD-AD8276 Datasheet
542Kb / 20P
   Low Power, Wide Supply Range, Low Cost Unity-Gain Difference Amplifiers
REV. A
AD8279 AD-AD8279 Datasheet
671Kb / 18P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers, G = 쩍, 2
Rev. PrA
AD8278 AD-AD8278 Datasheet
606Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifier, G = 쩍, 2
REV. 0
logo
Texas Instruments
INA132U TI1-INA132U Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA132 BURR-BROWN-INA132 Datasheet
180Kb / 9P
   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA132 TI1-INA132 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
LMV841 TI1-LMV841_16 Datasheet
1Mb / 38P
[Old version datasheet]   LMV84x CMOS Input, RRIO, Low Power, Wide Supply Range, 4.5-MHz Operational Amplifiers
logo
Analog Devices
AD817 AD-AD817 Datasheet
322Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817ARZ AD-AD817ARZ Datasheet
226Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com