Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK879 Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza 2SK879
Descripción Electrónicos  General Purpose and Impedance Converter and Condenser Microphone Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK879 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK879 Datasheet HTML 1Page - Toshiba Semiconductor 2SK879 Datasheet HTML 2Page - Toshiba Semiconductor 2SK879 Datasheet HTML 3Page - Toshiba Semiconductor 2SK879 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SK879
2007-11-01
1
TOSHIBA Field Effect Transistor Silicon N Channel Junction Type
2SK879
General Purpose and Impedance Converter and
Condenser Microphone Applications
• High breakdown voltage: VGDS = −50 V
• High input impedance: IGSS = −1.0 nA (max) (VGS = −30 V)
• Low noise: NF = 0.5dB (typ.) (RG = 100 kΩ, f = 120 Hz)
• Small package
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Gate-drain voltage
VGDS
−50
V
Gate current
IG
10
mA
Drain power dissipation
PD
100
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate cut-off current
IGSS
VGS = −30 V, VDS = 0
−1.0
nA
Gate-drain breakdown voltage
V (BR) GDS
VDS = 0, IG = −100 μA
−50
V
Drain current
IDSS
(Note)
VDS = 10 V, VGS = 0
0.3
6.5
mA
Gate-source cut-off voltage
VGS (OFF)
VDS = 10 V, ID = 0.1 μA
−0.4
−5.0
V
Forward transfer admittance
⎪Yfs
VDS = 10 V, VGS = 0, f = 1 kHz
1.2
mS
Input capacitance
Ciss
VDS = 10 V, VGS = 0, f = 1 MHz
8.2
pF
Reverse transfer capacitance
Crss
VGD = −10 V, ID = 0, f = 1 MHz
2.6
pF
Noise figure
NF
VDS = 15 V, VGS = 0
RG = 100 kΩ, f = 120 Hz
0.5
dB
Note: IDSS classification R: 0.30~0.75 mA, O: 0.60~1.40 mA, Y: 1.2~3.0 mA, GR: 2.6~6.5 mA
Marking
Unit: mm
JEDEC
JEITA
SC-70
TOSHIBA
2-2E1B
Weight: 0.006 g (typ.)


Número de pieza similar - 2SK879

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK879 TOSHIBA-2SK879 Datasheet
197Kb / 3P
   N CHANNEL JUNCTION TYPE (GENERAL PURPOSE AND IMPEDANCE CONVERTER AND CONDENSER MICROPHONE APPLICATIONS)
2SK879 TOSHIBA-2SK879 Datasheet
575Kb / 4P
   Silicon N Channel Junction Type General Purpose and Impedance Converter and Condenser Microphone Applications
2SK879 TOSHIBA-2SK879 Datasheet
297Kb / 4P
   General Purpose and Impedance Converter and Condenser Microphone Applications
2SK879-GR TOSHIBA-2SK879-GR Datasheet
297Kb / 4P
   General Purpose and Impedance Converter and Condenser Microphone Applications
2SK879-O TOSHIBA-2SK879-O Datasheet
297Kb / 4P
   General Purpose and Impedance Converter and Condenser Microphone Applications
More results

Descripción similar - 2SK879

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK208-Y TOSHIBA-2SK208-Y Datasheet
304Kb / 4P
   General Purpose and Impedance Converter and Condenser Microphone Applications
2SK208-GR TOSHIBA-2SK208-GR Datasheet
299Kb / 4P
   General Purpose and Impedance Converter and Condenser Microphone Applications
2SK879-GR TOSHIBA-2SK879-GR Datasheet
297Kb / 4P
   General Purpose and Impedance Converter and Condenser Microphone Applications
2SK208-R TOSHIBA-2SK208-R Datasheet
299Kb / 4P
   General Purpose and Impedance Converter and Condenser Microphone Applications
2SK208-O TOSHIBA-2SK208-O Datasheet
299Kb / 4P
   General Purpose and Impedance Converter and Condenser Microphone Applications
2SK208 TOSHIBA-2SK208 Datasheet
201Kb / 3P
   N CHANNEL JUNCTION TYPE (GENERAL PURPOSE AND IMPEDANCE CONVERTER AND CONDENSER MICROPHONE APPLICATIONS)
2SK118 TOSHIBA-2SK118 Datasheet
199Kb / 3P
   N CHANNEL JUNCTION TYPE (GENERAL PURPOSE AND IMPEDANCE CONVERTER AND CONDENSER MICROPHONE APPLICATIONS)
2SK3321 TOSHIBA-2SK3321 Datasheet
192Kb / 5P
   N CHANNEL JUNCTION TYPE (GENERAL PURPOSE AND IMPEDANCE CONVERTER AND CONDENSER MICROPHONE APPLICATIONS)
2SK879 TOSHIBA-2SK879 Datasheet
197Kb / 3P
   N CHANNEL JUNCTION TYPE (GENERAL PURPOSE AND IMPEDANCE CONVERTER AND CONDENSER MICROPHONE APPLICATIONS)
2SK208 TOSHIBA-2SK208_07 Datasheet
588Kb / 4P
   Silicon N Channel Junction Type General Purpose and Impedance Converter and Condenser Microphone Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com