Nombre de pieza
         Descripción
UC3525A

 SMPS Controller ( 8 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
   
 2 page
background image
UC3525A
2
Absolute Maximum Ratings
Electrical Characteristics
(VCC = 20V, TA = -30°C to + 85°C, unless otherwise specified)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
40
V
Collector Supply Voltage
VC
40
V
Output Current, Sink or Source
IO
500
mA
Reference Output Current
IREF
50
mA
Oscillator Charging Current
ICHG(OSC)
5mA
Power Dissipation (TA = 25
°C)
PD
1000
m/W
Operating Temperature
TOPR
0 ~ +70
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Lead Temperature (Soldering, 10 sec)
TLEAD
+300
°C
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
REFERENCE SECTION
Reference Output Voltage
VREF
TJ = 25
°C
5.0
5.1
5.2
V
Line Regulation
∆VREF
VCC = 8 to 35V
-
9
20
mV
Load Regulation
∆VREF
IREF = 0 to 20mA
-
20
50
mV
Short Circuit Output Current
ISC
VREF = 0, TJ = 25
°C
-
80
100
mA
Total Output Variation (Note 1)
∆VREF
Line, Load and Temperature
4.95
-
5.25
V
Temperature Stability (Note 1)
STT
-
-20
50
mV
Long Term Stability (Note 1)
ST
TJ = 125
°C ,1 KHRS
-20
50
mV
OSCILLATOR SECTION
Initial Accuracy (Note 1, 2)
ACCUR
TJ = 25
°C-
± 3
± 6%
Frequency Change With Voltage
∆f/∆VCC
VCC = 8 to 35V (Note 1, 2)
-
± 0.8 ± 2%
Maximum Frequency
f(MAX)
RT = 2K
Ω, CT = 470pF
400
430
-
KHz
Minimum Frequency
f(MIN)
RT = 200K
Ω, CT = 0.1uF
-
60
120
Hz
Clock Amplitude (Note 1, 2)
V(CLK)
-
34
-
V
Clock Width (Note 1, 2)
tW(CLK)
TJ = 25
°C0.3
0.6
1
µs
Sync Threshold
VTH(SYNC)
-
1.222.8
V
Sync Input Current
II(SYNC)
Sync = 3.5V
-
1.3
2.5
mA
1  2  3  4  5  6  7  8 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
L6565QUASI-RESONANT SMPS CONTROLLER 1 2 3 4 5 MoreSTMicroelectronics
KA3846SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
KA3882SMPS CONTROLLER 1 2 3 4 5 Fairchild Semiconductor
ICE2A0565Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS 1 2 3 4 5 MoreInfineon Technologies AG
KA7500BSMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
ICE3A0365Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS 1 2 3 4 5 MoreInfineon Technologies AG
KA7500CSMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
KA7515SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
TL494SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
UC3842SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl