Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDBZ31060-HF Datasheet(PDF) 1 Page - Comchip Technology

No. de pieza CDBZ31060-HF
Descripción Electrónicos  SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMCHIP [Comchip Technology]
Página de inicio  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBZ31060-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBZ31060-HF Datasheet HTML 1Page - Comchip Technology CDBZ31060-HF Datasheet HTML 2Page - Comchip Technology CDBZ31060-HF Datasheet HTML 3Page - Comchip Technology CDBZ31060-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Schottky Barrier Rectifiers
Reverse Voltage: 60 Volts
Forward Current: 10 Amp
RoHS Device
Page 1
REV:A
Features
- Low power loss, High efficiency.
- High current capability, low VF.
Mechanical data
- Case: Packed with FRP substrate and epoxy underfilled.
- Terminals: Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, method 2026.
CDBZ31060-HF
QW-JB045
Comchip Technology CO., LTD.
V
60
VRRM
°C
TJ, TSTG
Operating and storage temperature range
Peak
surge
forward
current (8.3ms single half sine-wave)
Parameter
Symbol
Rating
Unit
0.01
Repetitive peak reverse current
Forward voltage (NOTE 1)
Parameter
Conditions
Min.
Typ.
Max.
Unit
IF = 10 A
Maximum Ratings (at TA=25°C unless otherwise noted)
Electrical Characteristics (at TA=25°C unless otherwise noted)
A
180
IFSM
A
10
IF(AV)
Average forward current
Repetitive peak reverse voltage
°C/W
Thermal resistance
Junction to ambient (NOTE 2)
60
-55 to +150
IRRM
VF
Symbol
RθJA
V
0.67
- Lead less chip form, no lead damage.
Halogen free
- Plastic package has Underwriters Laboratory
Flammability Classification 94V-0 .
°C/W
Junction to lead (NOTE 2)
22
RθJL
VR = Max. VRRM
0.75
0.10
mA
Company reserves the right to improve product design , functions and reliability without notice.
NOTES : (1) Pulse test width PW=300usec , 1% duty cycle.
(2) Mounted on P.C.B. with
x 14mm copper pad areas.
14
TO-277(Z3)
TA= 25°C
TA= 125°C
15
°C/W
Junction to case (NOTE 2)
20
RθJC
Circuit Diagram
LEFT PIN
RIGHT PIN
BOTTOMSIDE
HEAT SINK
Dimensions in inches and (millimeter)
0.085(2.15)
0.073(1.85)
Top View
Bottom View
0.163(4.15)
0.152(3.85)
0.187(4.75)
0.175(4.45)
0.132(3.35)
0.120(3.05)
0.061(1.55)
0.049(1.25)
0.047(1.20)
0.035(0.90)
0.045(1.15)
0.033(0.85)
0.053(1.35)
0.041(1.05)
-
-
-
-
-
-
-
-
-
-
0.262(6.65)
0.250(6.35)
- Weight: 0.08 grams (approx).


Número de pieza similar - CDBZ31060-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
CDBZ31060-HF COMCHIP-CDBZ31060-HF Datasheet
591Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ31060-HF COMCHIP-CDBZ31060-HF_15 Datasheet
591Kb / 4P
   SMD Schottky Barrier Rectifiers
More results

Descripción similar - CDBZ31060-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
CDBZ320200-HF COMCHIP-CDBZ320200-HF Datasheet
480Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT320-HF COMCHIP-CDBAT320-HF_15 Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMHS240-HF COMCHIP-CDBMHS240-HF Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SL22B DSK-SL22B Datasheet
93Kb / 2P
   SMD SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
   SMD Schottky Barrier Rectifiers
CDBA120-HF COMCHIP-CDBA120-HF Datasheet
69Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA260-HF COMCHIP-ACDBA260-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBM120-HF COMCHIP-CDBM120-HF_12 Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com