Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

U1BC44 Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza U1BC44
Descripción Electrónicos  Average Forward Current Repetitive Peak Reverse Voltage Mini Plastic Mold Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

U1BC44 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  U1BC44 Datasheet HTML 1Page - Toshiba Semiconductor U1BC44 Datasheet HTML 2Page - Toshiba Semiconductor U1BC44 Datasheet HTML 3Page - Toshiba Semiconductor U1BC44 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
U1BC44,U1GC44,U1JC44
2006-11-06
4
RESTRICTIONS ON PRODUCT USE
20070701-EN
• The information contained herein is subject to change without notice.
• TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor
devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical
stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of
safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of
such TOSHIBA products could cause loss of human life, bodily injury or damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as
set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and
conditions set forth in the “Handling Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability
Handbook” etc.
• The TOSHIBA products listed in this document are intended for usage in general electronics applications
(computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances,
etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires
extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or
bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control instruments, airplane or
spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments,
medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his
document shall be made at the customer’s own risk.
• The products described in this document shall not be used or embedded to any downstream products of which
manufacture, use and/or sale are prohibited under any applicable laws and regulations.
• The information contained herein is presented only as a guide for the applications of our products. No
responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which
may result from its use. No license is granted by implication or otherwise under any patents or other rights of
TOSHIBA or the third parties.
• Please contact your sales representative for product-by-product details in this document regarding RoHS
compatibility. Please use these products in this document in compliance with all applicable laws and regulations
that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses
occurring as a result of noncompliance with applicable laws and regulations.


Número de pieza similar - U1BC44

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
U1BC44 TOSHIBA-U1BC44 Datasheet
133Kb / 3P
   TOSHIBA RECTIFIER SILICON DIFFUSED JUNCTION TYPE
More results

Descripción similar - U1BC44

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SEMTECH ELECTRONICS LTD...
MCR100-3 SEMTECH_ELEC-MCR100-3 Datasheet
283Kb / 2P
   Peak Repetitive Forward and Reverse Blocking
logo
Kingtronics Internation...
BAV99 KINGTRONICS-BAV99 Datasheet
414Kb / 2P
   Repetitive Peak Reverse Voltage
logo
New Jersey Semi-Conduct...
1N248B NJSEMI-1N248B Datasheet
129Kb / 1P
   PEAK REPETITIVE REVERSE VOLTAGE DC BLOCKING VOLTAGE
logo
First Components Intern...
FMBD4148 FCI-FMBD4148 Datasheet
176Kb / 2P
   350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
logo
Infineon Technologies A...
D2650N INFINEON-D2650N Datasheet
246Kb / 8P
   Periodische Spitzensperrspannung repetitive peak reverse voltages
2009-06-15 revision: 1
logo
Gaomi Xinghe Electronic...
DB157 GXELECTRONICS-DB157 Datasheet
312Kb / 2P
   REVERSE VOLTAGE FORWARD CURRENT
HER201 GXELECTRONICS-HER201 Datasheet
192Kb / 2P
   Reverse Voltage Forward Current
logo
First Components Intern...
FTD182 FCI-FTD182 Datasheet
155Kb / 1P
   DIODE TRIO DELCO TYPE Repetitive Peak Reverse Voltage VRRM 200
logo
Fairchild Semiconductor
1N4148 FAIRCHILD-1N4148 Datasheet
146Kb / 7P
   Maximum Repetitive Reverse Voltage
logo
Rugao Dachang Electroni...
CL01-12S DACHANG-CL01-12S Datasheet
109Kb / 2P
   Plastic High Voltage Rectifier Reverse Voltage 12KV Forward Current 350mA
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com