Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
U-161U Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
U-161U Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 10 page 6 6 These connectors are universally used in communications equipment where the highest reliability is needed under the most severe environmental conditions. The standard 5-contact connectors meet all requirements of MIL- C-55116, latest revision. 6-contact connectors as well as the light-weight versions are designed to meet all performance requirements of MIL-C-55116. Mating is accomplished quickly with a twist-lock motion. Non-rigid contacts are spring loaded and provide positive electrical connection with minimum voltage drop. 5 & 6 Contact 10 Contact The 10-contact connectors conform to MIL-C-10544, latest revision. Construction and mating action are similar to the 5-contact line. Years of successful field experience have proven the remarkable reliability of this line of connectors for all types of military and commercial communications equipment. A A A A u u u u d d d d iiiio o o o General Information |
Número de pieza similar - U-161U |
|
Descripción similar - U-161U |