Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC549 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza BC549
Descripción Electrónicos  Switching and Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC549 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BC549 Datasheet HTML 1Page - Fairchild Semiconductor BC549 Datasheet HTML 2Page - Fairchild Semiconductor BC549 Datasheet HTML 3Page - Fairchild Semiconductor BC549 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, August 2002
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. Transfer Characteristic
Figure 3. DC current Gain
Figure 4. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 5. Output Capacitance
Figure 6. Current Gain Bandwidth Product
0
2468
10
12
14
16
18
20
0
20
40
60
80
100
I
B = 50µA
I
B = 100µA
I
B = 150µA
I
B = 200µA
I
B = 250µA
I
B = 300µA
I
B = 350µA
I
B = 400µA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
VCE = 5V
VBE[V], BASE-EMITTER VOLTAGE
1
10
100
1000
1
10
100
1000
VCE = 5V
IC[mA], COLLECTOR CURRENT
1
10
100
1000
10
100
1000
10000
IC = 10 IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
1
10
100
1000
0.1
1
10
100
f=1MHz
IE = 0
VCB[V], COLLECTOR-BASE VOLTAGE
0.1
1
10
100
1
10
100
1000
VCE = 5V
IC[mA], COLLECTOR CURRENT


Número de pieza similar - BC549

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC549 PHILIPS-BC549 Datasheet
44Kb / 8P
   NPN general purpose transistors
1999 Apr 22
logo
SEMTECH ELECTRONICS LTD...
BC549 SEMTECH_ELEC-BC549 Datasheet
139Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
logo
ARTSCHIP ELECTRONICS CO...
BC549 ARTSCHIP-BC549 Datasheet
179Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Semtech Corporation
BC549 SEMTECH-BC549 Datasheet
371Kb / 5P
   NPN Silicon Epitaxial Planar Transistor
logo
NXP Semiconductors
BC549 NXP-BC549 Datasheet
248Kb / 7P
   NPN general purpose transistors
2004 Oct 11
More results

Descripción similar - BC549

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
50Kb / 4P
   Switching and Applications Switching and Applications
BC550CBU FAIRCHILD-BC550CBU Datasheet
50Kb / 4P
   Switching and Applications
BC546BTA FAIRCHILD-BC546BTA Datasheet
50Kb / 4P
   Switching and Applications
BC547BTA FAIRCHILD-BC547BTA Datasheet
55Kb / 4P
   Switching and Applications
BC549CTA FAIRCHILD-BC549CTA Datasheet
50Kb / 4P
   Switching and Applications
logo
Unisonic Technologies
BC807 UTC-BC807_09 Datasheet
201Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
BC846 UTC-BC846_10 Datasheet
238Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC640TA FAIRCHILD-BC640TA Datasheet
111Kb / 5P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC337 UTC-BC337 Datasheet
47Kb / 2P
   SWITCHING AND AMPLIFIER APPLICATIONS
BC556 UTC-BC556 Datasheet
108Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com