Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF9952QTRPBF Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRF9952QTRPBF
Descripción Electrónicos  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF9952QTRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF9952QTRPBF Datasheet HTML 1Page - International Rectifier IRF9952QTRPBF Datasheet HTML 2Page - International Rectifier IRF9952QTRPBF Datasheet HTML 3Page - International Rectifier IRF9952QTRPBF Datasheet HTML 4Page - International Rectifier IRF9952QTRPBF Datasheet HTML 5Page - International Rectifier IRF9952QTRPBF Datasheet HTML 6Page - International Rectifier IRF9952QTRPBF Datasheet HTML 7Page - International Rectifier IRF9952QTRPBF Datasheet HTML 8Page - International Rectifier IRF9952QTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HEXFET® Power MOSFET
08/09/10
IRF9952QPbF
Description
D1
N-CHANNEL MOSFET
P-CHANNEL MOSFET
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
N-Ch P-Ch
VDSS 30V -30V
RDS(on) 0.10Ω 0.25Ω
SO-8
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
Dual N and P Channel MOSFET
l
Surface Mount
l
Available in Tape & Reel
l
150°C Operating Temperature
l
Lead-Free
These HEXFET® Power MOSFET's in a Dual SO-8
package utilize the lastest processing techniques to
achieve extremely low on-resistance per silicon
area. Additional features of these HEXFET Power
MOSFET's are a 150°C junction operating
temperature, fast switching speed and improved
repetitive avalanche rating. These benefits combine
to make this design an extremely efficient and reliable
device for use in a wide variety of applications.
The efficient SO-8 package provides enhanced
thermal characteristics and dual MOSFET die
capability making it ideal in a variety of power
applications. This dual, surface mount SO-8 can
dramatically reduce board space and is also
available in Tape & Reel.
N-Channel
P-Channel
Drain-Source Voltage
VDS
30
Gate-Source Voltage
VGS
± 20
TA = 25°C
3.5
-2.3
TA = 70°C
2.8
-1.8
Pulsed Drain Current
IDM
16
-10
Continuous Source Current (Diode Conduction)
IS
1.7
-1.3
TA = 25°C
2.0
TA = 70°C
1.3
Single Pulse Avalanche Energy
EAS
44
57
mJ
Avalanche Current
IAR
2.0
-1.3
A
Repetitive Avalanche Energy
EAR
0.25
mJ
Peak Diode Recovery dv/dt ‚
dv/dt
5.0
-5.0
V/ ns
Junction and Storage Temperature Range
TJ,TSTG
-55 to + 150
°C
Continuous Drain Current
…
Maximum Power Dissipation
…
A
ID
PD
V
W
Symbol
Maximum
Units
Thermal Resistance Ratings
Parameter
Symbol
Limit
Units
Maximum Junction-to-Ambient
…
RθJA
62.5
°C/W
www.irf.com
1
PD - 96115A


Número de pieza similar - IRF9952QTRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF9952QPBF IRF-IRF9952QPBF Datasheet
280Kb / 10P
   HEXFET Power MOSFET
IRF9952QPBF IRF-IRF9952QPBF_10 Datasheet
269Kb / 10P
   HEXFETPOWERMOSFET
More results

Descripción similar - IRF9952QTRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com