Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2SK208 Datasheet(PDF) 1 Page - Toshiba Semiconductor |
|
2SK208 Datasheet(HTML) 1 Page - Toshiba Semiconductor |
1 / 4 page 2SK208 2007-11-01 1 TOSHIBA Field Effect Transistor Silicon N Channel Junction Type 2SK208 General Purpose and Impedance Converter and Condenser Microphone Applications • High breakdown voltage: VGDS = −50 V • High input impedance: IGSS = −1.0 nA (max) (VGS = −30 V) • Low noise: NF = 0.5dB (typ.) (RG = 100 kΩ, f = 120 Hz) • Small package. Absolute Maximum Ratings (Ta = 25°C) Characteristics Symbol Rating Unit Gate-drain voltage VGDS −50 V Gate current IG 10 mA Drain power dissipation PD 100 mW Junction temperature Tj 125 °C Storage temperature range Tstg −55~125 °C Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Electrical Characteristics (Ta = 25°C) Characteristics Symbol Test Condition Min Typ. Max Unit Gate cut-off current IGSS VGS = −30 V, VDS = 0 ⎯ ⎯ −1.0 nA Gate-drain breakdown voltage V (BR) GDS VDS = 0, IG = −100 μA −50 ⎯ ⎯ V Drain current IDSS (Note) VDS = 10 V, VGS = 0 0.3 ⎯ 6.5 mA Gate-source cut-off voltage VGS (OFF) VDS = 10 V, ID = 0.1 μA −0.4 ⎯ −5.0 V Forward transfer admittance ⎪Yfs⎪ VDS = 10 V, VGS = 0, f = 1 kHz 1.2 ⎯ ⎯ mS Input capacitance Ciss VDS = 10 V, VGS = 0, f = 1 MHz ⎯ 8.2 ⎯ pF Reverse transfer capacitance Crss VGD = −10 V, ID = 0, f = 1 MHz ⎯ 2.6 ⎯ pF Noise figure NF VDS = 15 V, VGS = 0 RG = 100 kΩ, f = 120 Hz ⎯ 0.5 ⎯ dB Note: IDSS classification R: 0.30~0.75 mA, O: 0.60~1.40 mA, Y: 1.2~3.0 mA, GR: 2.6~6.5 mA Marking Unit: mm JEDEC TO-236MOD JEITA SC-59 TOSHIBA 2-3F1B Weight: 0.012 g (typ.) |
Número de pieza similar - 2SK208 |
|
Descripción similar - 2SK208 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |