Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Si7013-A10-IM1 Datasheet(PDF) 5 Page - Silicon Laboratories

No. de pieza Si7013-A10-IM1
Descripción Electrónicos  I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si7013-A10-IM1 Datasheet(HTML) 5 Page - Silicon Laboratories

  Si7013-A10-IM1 Datasheet HTML 1Page - Silicon Laboratories Si7013-A10-IM1 Datasheet HTML 2Page - Silicon Laboratories Si7013-A10-IM1 Datasheet HTML 3Page - Silicon Laboratories Si7013-A10-IM1 Datasheet HTML 4Page - Silicon Laboratories Si7013-A10-IM1 Datasheet HTML 5Page - Silicon Laboratories Si7013-A10-IM1 Datasheet HTML 6Page - Silicon Laboratories Si7013-A10-IM1 Datasheet HTML 7Page - Silicon Laboratories Si7013-A10-IM1 Datasheet HTML 8Page - Silicon Laboratories Si7013-A10-IM1 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
Si7013
Rev. 0.95
5
Conversion Time1
tCONV
RH or Voltage Normal
5.8
7
ms
RH or Voltage Fast
2.6
3.1
ms
Temp Normal
4
4.8
ms
Temp Fast
1.5
1.8
ms
Powerup Time
tPU
From VDD ≥ 1.9 V to ready for a
conversion, 25 °C
—18
25
ms
From VDD ≥ 1.9 V to ready for a
conversion, full temperature range
——
80
ms
Table 3. I2C Interface Specifications1
1.9
 VDD  3.6 V; TA = –40 to +85 °C (G grade) or –40 to +125 °C (I/Y grade) unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Hysteresis
VHYS
High-to-low versus low-to-
high transition
0.05 x VDD
——
V
SCLK Frequency2
fSCL
400
kHz
SCL High Time
tSKH
0.6
µs
SCL Low Time
tSKL
1.3
µs
Start Hold Time
tSTH
0.6
µs
Start Setup Time
tSTS
0.6
µs
Stop Setup Time
tSPS
0.6
µs
Bus Free Time
tBUF
Between Stop and Start
1.3
µs
SDA Setup Time
tDS
100
ns
SDA Hold Time
tDH
100
ns
Notes:
1.
All values are referenced to VIL and/or VIH.
2.
Depending on the conversion command, the Si7013 may hold the master during the conversion (clock stretch). At
above 300 kHz SCL, the Si7013 may hold the master briefly for user register and device ID transactions. At the highest
I2C speed of 400 kHz the stretching will be <10 µs.
3.
Pulses up to and including 50ns will be suppressed.
Table 2. General Specifications (Continued)
1.9 < VDD < 3.6 V; TA = –40 to 85 °C (G grade) or –40 to 125 °C (I/Y grade); default conversion time unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
Initiating a RH measurement will also automatically initiate a temperature measurement. The total conversion time will
be tCONV(RH) + tCONV(T).
2.
No conversion or I2C transaction in progress. Typical values measured at 25 °C.
3.
Occurs once during powerup. Duration is <5 msec.
4.
Occurs during I2C commands for Reset, Read/Write User Registers, Read EID, Read Firmware Version, Read/Write
Thermistor Coefficients and Read Thermistor. Duration is <50 μs for all commands except Read Thermistor, which has
<150 μs duration.
5.
Additional current consumption when HTRE bit enabled. See Section “5.6. Heater” for more information.


Número de pieza similar - Si7013-A10-IM1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si7013-A10-IM1 SILABS-Si7013-A10-IM1 Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7013-A10-IM1R SILABS-Si7013-A10-IM1R Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Descripción similar - Si7013-A10-IM1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI7013-A20 SILABS-SI7013-A20 Datasheet
1Mb / 45P
   IC HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
SI7013-A20-GM1R SILABS-SI7013-A20-GM1R Datasheet
2Mb / 45P
   2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Rev. 1.4 4/20
logo
HOPE Microelectronics C...
TH06 HOPE-TH06 Datasheet
365Kb / 26P
   I2C HUMIDITY AND TEMPERATURE SENSOR
logo
Silicon Laboratories
SI7005 SILABS-SI7005 Datasheet
340Kb / 41P
   DIGITAL I2C HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
   Humidity and Temperature Sensor
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
   Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
   Humidity and Temperature Sensor
Version 3
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
   Humidity and Temperature Sensor
logo
HOPE Microelectronics C...
TH08 HOPE-TH08 Datasheet
529Kb / 21P
   HUMIDITY AND TEMPERATURE SENSOR
logo
Sensitron
SHT21 SENSITRON-SHT21 Datasheet
493Kb / 12P
   Humidity and Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com