Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADV7281WBCPZ Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADV7281WBCPZ
Descripción Electrónicos  10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADV7281WBCPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV7281WBCPZ Datasheet HTML 7Page - Analog Devices ADV7281WBCPZ Datasheet HTML 8Page - Analog Devices ADV7281WBCPZ Datasheet HTML 9Page - Analog Devices ADV7281WBCPZ Datasheet HTML 10Page - Analog Devices ADV7281WBCPZ Datasheet HTML 11Page - Analog Devices ADV7281WBCPZ Datasheet HTML 12Page - Analog Devices ADV7281WBCPZ Datasheet HTML 13Page - Analog Devices ADV7281WBCPZ Datasheet HTML 14Page - Analog Devices ADV7281WBCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
ADV7281
Rev. A | Page 11 of 32
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
24 AIN3
23 DIAG2
22 DIAG1
21 AVDD
20 VREFN
19 VREFP
18 AIN2
17 AIN1
1
2
3
4
5
6
7
8
DGND
DVDDIO
DVDD
DGND
P7
P6
P5
P4
ADV7281
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO DGND.
Figure 7. Pin Configuration, ADV7281
Table 9. Pin Function Descriptions, ADV7281
Pin No.
Mnemonic
Type
Description
1, 4
DGND
Ground
Ground for Digital Supply.
2
DVDDIO
Power
Digital I/O Power Supply (1.8 V or 3.3 V).
3, 13
DVDD
Power
Digital Power Supply (1.8 V).
5 to 12
P7 to P0
Output
Video Pixel Output Ports.
14
XTALP
Output
Connect this pin to the external 28.63636 MHz crystal, or leave it unconnected if an external
1.8 V, 28.63636 MHz clock oscillator source is used to clock the ADV7281. The crystal used
with the ADV7281 must be a fundamental crystal.
15
XTALN
Input
Input Pin for the External 28.63636 MHz Crystal. The crystal used with the ADV7281must be
a fundamental crystal. If an external 1.8 V, 28.63636 MHz clock oscillator source is used to
clock the ADV7281, the output of the oscillator is fed into the XTALN pin.
16
PVDD
Power
PLL Power Supply (1.8 V).
17, 18,
24, 25
AIN1 to AIN4
Input
Analog Video Input Channels.
19
VREFP
Output
Internal Voltage Reference Output.
20
VREFN
Output
Internal Voltage Reference Output.
21
AVDD
Power
Analog Power Supply (1.8 V).
22
DIAG1
Input
Diagnostic Input 1.
23
DIAG2
Input
Diagnostic Input 2.
26
INTRQ
Output
Interrupt Request Output. An interrupt occurs when certain signals are detected on the
input video.
27
RESET
Input
System Reset Input (Active Low). A minimum low reset pulse width of 5 ms is required to
reset the ADV7281 circuitry.
28
ALSB
Input
This pin selects the I2C write address for the ADV7281. When ALSB is set to Logic 0, the
write address is 0x40; when ALSB is set to Logic 1, the write address is 0x42.
29
SDATA
Input/output
I2C Port Serial Data Input/Output.
30
SCLK
Input
I2C Port Serial Clock Input. The maximum clock rate is 400 kHz.
31
PWRDWN
Input
Power-Down Pin. A logic low on this pin places the ADV7281 in power-down mode.
32
LLC
Output
Line-Locked Output Clock for Output Pixel Data. The clock output is nominally 27 MHz, but
it increases or decreases according to the video line length.
EPAD (EP)
Exposed Pad. The exposed pad must be connected to DGND.


Número de pieza similar - ADV7281WBCPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV7281WBCPZ AD-ADV7281WBCPZ Datasheet
558Kb / 32P
   Oversampled SDTV Video Decoder with Differential Inputs
ADV7281WBCPZ-M AD-ADV7281WBCPZ-M Datasheet
558Kb / 32P
   Oversampled SDTV Video Decoder with Differential Inputs
ADV7281WBCPZ-M-RL AD-ADV7281WBCPZ-M-RL Datasheet
558Kb / 32P
   Oversampled SDTV Video Decoder with Differential Inputs
ADV7281WBCPZ-MA AD-ADV7281WBCPZ-MA Datasheet
558Kb / 32P
   Oversampled SDTV Video Decoder with Differential Inputs
ADV7281WBCPZ-MA-RL AD-ADV7281WBCPZ-MA-RL Datasheet
558Kb / 32P
   Oversampled SDTV Video Decoder with Differential Inputs
More results

Descripción similar - ADV7281WBCPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV7282A AD-ADV7282A Datasheet
571Kb / 28P
   10-Bit, 4x Oversampled SDTV Video Decoder with Differential Inputs
ADV7281A AD-ADV7281A Datasheet
516Kb / 24P
   10-Bit, 4x Oversampled SDTV Video Decoder with Differential Inputs
ADV7281 AD-ADV7281_14 Datasheet
558Kb / 32P
   Oversampled SDTV Video Decoder with Differential Inputs
ADV7282 AD-ADV7282 Datasheet
508Kb / 32P
   10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs and Deinterlacer
REV. A
ADV7182 AD-ADV7182 Datasheet
1Mb / 96P
   10-Bit, SDTV Video Decoder with Differential Inputs
REV. A
ADV7280A AD-ADV7280A Datasheet
514Kb / 26P
   10-Bit, 4 x Oversampled SDTV Video Decoder with Deinterlacer
ADV7280 AD-ADV7280 Datasheet
457Kb / 28P
   Oversampled SDTV Video Decoder with Deinterlacer
ADV7180 AD-ADV7180_15 Datasheet
2Mb / 114P
   10-Bit, 4 Oversampling SDTV Video Decoder
Rev. J
ADV7180 AD-ADV7180 Datasheet
2Mb / 112P
   10-Bit, 4 x Oversampling SDTV Video Decoder
REV. A
ADV7180 AD-ADV7180_12 Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com