Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL431ACS Datasheet(PDF) 6 Page - Analog Intergrations Corporation

No. de pieza TL431ACS
Descripción Electrónicos  Adjustable Precision Shunt Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIC [Analog Intergrations Corporation]
Página de inicio  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

TL431ACS Datasheet(HTML) 6 Page - Analog Intergrations Corporation

Back Button TL431ACS Datasheet HTML 2Page - Analog Intergrations Corporation TL431ACS Datasheet HTML 3Page - Analog Intergrations Corporation TL431ACS Datasheet HTML 4Page - Analog Intergrations Corporation TL431ACS Datasheet HTML 5Page - Analog Intergrations Corporation TL431ACS Datasheet HTML 6Page - Analog Intergrations Corporation TL431ACS Datasheet HTML 7Page - Analog Intergrations Corporation TL431ACS Datasheet HTML 8Page - Analog Intergrations Corporation TL431ACS Datasheet HTML 9Page - Analog Intergrations Corporation TL431ACS Datasheet HTML 10Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AIC431/TL431A/TL431
6
n TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
-40
-20
0
20
40
60
80
100
120
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
Reference Input Current vs Temperature
Temperature (°C)
R1=10KΩ
R2=
IZ=10mA
-40
-20
0
20
40
60
80
100
120
0.00
0.04
0.08
0.12
0.16
0.20
0.24
0.28
VZ=VREF
IZ=1mA to100mA
F <1KHz
Dynamic Impedance vs Temperature
Temperature (°C)
0
5
10
15
20
25
30
35
40
-6
-5
-4
-3
-2
-1
0
Change in Reference Voltage vs Cathode Voltage
Cathode Voltage (V)
IZ =10mA
TA =25°C
-40
-20
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
Off-State Cathode Current vs Temperature
Temperature (°C)
VREF=0V
VZ=30V
10
100
1k
10k
100k
1M
10M
-10
0
10
20
30
40
50
60
70
80
Av
IZ =10mA
TA=25°C
Small Signal Voltage Amplification vs Frequency
Frequency (Hz)
R1
10K
R
250
+
VIN
C
IN
47µF
V1
AIC431
Output
Test Circuit For Frequency Response


Número de pieza similar - TL431ACS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TL431AC PHILIPS-TL431AC Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
STMicroelectronics
TL431AC STMICROELECTRONICS-TL431AC Datasheet
152Kb / 10P
   PROGRAMMABLE VOLTAGE REFERENCE
TL431AC STMICROELECTRONICS-TL431AC Datasheet
243Kb / 13P
   Programmable Voltage Reference
TL431ACCT STMICROELECTRONICS-TL431ACCT Datasheet
939Kb / 21P
   Programmable voltage reference
logo
ON Semiconductor
TL431ACD ONSEMI-TL431ACD Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
More results

Descripción similar - TL431ACS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com