Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD586BRZ1 Datasheet(PDF) 5 Page - Analog Devices |
|
AD586BRZ1 Datasheet(HTML) 5 Page - Analog Devices |
5 / 16 page AD586 Rev. G | Page 5 of 16 ABSOLUTE MAXIMUM RATINGS Table 3. Parameter Rating VIN to Ground 36 V Power Dissipation (25°C) 500 mW Storage Temperature −65°C to +150°C Lead Temperature (Soldering, 10 sec) 300°C Package Thermal Resistance θJC 22°C/W θJA 110°C/W Output Protection Output safe for indefinite short to ground or VIN. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Número de pieza similar - AD586BRZ1 |
|
Descripción similar - AD586BRZ1 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |