Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3658SD-B Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza LM3658SD-B
Descripción Electrónicos  LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3658SD-B Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3658SD-B Datasheet HTML 4Page - Texas Instruments LM3658SD-B Datasheet HTML 5Page - Texas Instruments LM3658SD-B Datasheet HTML 6Page - Texas Instruments LM3658SD-B Datasheet HTML 7Page - Texas Instruments LM3658SD-B Datasheet HTML 8Page - Texas Instruments LM3658SD-B Datasheet HTML 9Page - Texas Instruments LM3658SD-B Datasheet HTML 10Page - Texas Instruments LM3658SD-B Datasheet HTML 11Page - Texas Instruments LM3658SD-B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ICHG =
KISET
RISET
120°C - T A
TJA(VCC - VBATT)
]
or USB_sel or
ICHG = min [
KISET
RISET
LM3658
SNVS328E – MAY 2005 – REVISED MARCH 2007
www.ti.com
LM3658 OPERATION DESCRIPTION
POWER-DOWN MODE
The LM3658 will power down automatically when the voltage on the USBpwr or CHG_IN pin drops below the
battery voltage with an amount that is equal to VOK_CHG (VBATT > VCC - VOK_CHG). Power-Down mode shuts off the
internal power FETs as well as the open-drain pull-down transistors on the status pins STAT1 and STAT2. The
only current consumed by the LM3658 is an ultra-low quiescent current of 1 µA typical.
POWER-ON RESET
As soon as the voltage of one of the power sources rises above VBATT + VOK_CHG, the charger will wake up.
However, charging will not be initiated unless the supply voltage source exceeds the VPOR.
AUTOMATIC POWER SOURCE DETECTION
When the voltage of one of the power sources exceeds the VPOR threshold, the LM3658 detects which power
source is a valid charge supply. When both supply voltages are valid and present, CHG_IN will automatically be
selected over USBpwr. The USBpwr will be the designated power source only if no CHG_IN is present or when
the voltage on the CHG_IN pin is less than the battery voltage.
THERMAL POWER FET REGULATION
The internal power FETs are thermally regulated to the junction temperature of 120ºC to specify optimal charging
of the battery. At all times is the charge current limited by the ISET resistor setting, the USB 100 mA/500 mA
selection, or the 100ºC junction temperature of the LM3658. The charge current is therefore a function of the
charge current settings, the thermal conductivity of the package and the ambient temperature as described in the
following equation:
Where TA is the ambient temperature and θJA is the thermal resistance of the package. Thermal regulation
specifies maximum charge current and superior charge rate without exceeding the power dissipation limits of the
LM3658.
PRE-QUALIFICATION MODE
During pre-qualification, STAT1 is on and STAT2 is off, and the charger supplies a constant current of 50 mA to
the battery. When the battery voltage reaches VFULL_RATE, the charger transitions from pre-qualification to full-rate
charging. The pre-qualification mode aborts when the battery doesn’t reach VFULL_RATE within the time allowed in
TPREQUAL timer. In this event, charging stops and STAT1 and STAT2 will both be on, indicating a bad battery
condition.
CHG_IN FULL-RATE CHARGING MODE
The full-rate charge cycle is initiated following the successful completion of the pre-qualification mode. Timer
TCHG starts to count when the charger enters full-rate charging, with STAT1 on and STAT2 off. When charging
with an AC wall adapter, the full-rate charge current is proportional to the value of the resistor that is connected
to the ISET pin as described in the following equation:
It is recommended to charge Li-Ion batteries at 1C rate, where “C” is the capacity of the battery. As an example,
it is recommended to charge a 750 mAh battery at 750 mA, or 1C. Charging at a higher rate can cause damage
to the battery.
8
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Links: LM3658


Número de pieza similar - LM3658SD-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3658SD-B/NOPB TI1-LM3658SD-B/NOPB Datasheet
792Kb / 20P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
More results

Descripción similar - LM3658SD-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3658SD-A TI1-LM3658SD-A Datasheet
792Kb / 20P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658 TI1-LM3658_14 Datasheet
871Kb / 21P
[Old version datasheet]   Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
logo
National Semiconductor ...
LM3658 NSC-LM3658 Datasheet
663Kb / 13P
   Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
logo
Eutech Microelectronics...
EUP8020X EUTECH-EUP8020X Datasheet
397Kb / 12P
   Dual Source AC/USB Li-Ion/Polymer Charger IC for Portable Applications
logo
Richtek Technology Corp...
RT9524 RICHTEK-RT9524 Datasheet
336Kb / 12P
   Linear Single Cell Li-Ion Battery Charger IC for Portable Applications
logo
STMicroelectronics
STW4102 STMICROELECTRONICS-STW4102 Datasheet
117Kb / 3P
   Dual source USB Li-Ion charger with gas gauge
logo
National Semiconductor ...
LP3947 NSC-LP3947 Datasheet
649Kb / 14P
   USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
logo
Richtek Technology Corp...
RT9536H RICHTEK-RT9536H Datasheet
211Kb / 15P
   Linear Single Cell Li-Ion Battery Charger IC for Portable
logo
Texas Instruments
BQ27210DRKRG4 TI1-BQ27210DRKRG4 Datasheet
977Kb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
LP3947ISD-51 TI1-LP3947ISD-51 Datasheet
836Kb / 20P
[Old version datasheet]   LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com