Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9233-125EB Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD9233-125EB
Descripción Electrónicos  High Speed ADC USB FIFO Evaluation Kit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9233-125EB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9233-125EB Datasheet HTML 2Page - Analog Devices AD9233-125EB Datasheet HTML 3Page - Analog Devices AD9233-125EB Datasheet HTML 4Page - Analog Devices AD9233-125EB Datasheet HTML 5Page - Analog Devices AD9233-125EB Datasheet HTML 6Page - Analog Devices AD9233-125EB Datasheet HTML 7Page - Analog Devices AD9233-125EB Datasheet HTML 8Page - Analog Devices AD9233-125EB Datasheet HTML 9Page - Analog Devices AD9233-125EB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC
Rev. 0 | Page 6 of 28
120-CONNECTOR
(PARALLEL CMOS
INPUTS)
TIMING ADJUSTMENT
JUMPERS
DRIVER CIRCUIT FOR
SERIAL PORT INTERFACE
(SPI) LINES
OPTIONAL SERIAL
PORT INTERFACE
(SPI) CONNECTOR
CYPRESS Fx2 HIGH SPEED
USB 2.0 µCONTROLLER
EPROM TO LOAD
USB FIRMWARE
Figure 3. FIFO Components (Bottom View)
FIFO 4.1 SUPPORTED ADC EVALUATION BOARDS
The evaluation boards in Table 1 can be used with the high speed ADC FIFO evaluation kit. Some evaluation boards require an adapter between
the ADC evaluation board connector and the FIFO connector. If an adapter is needed, send an email to highspeed.converters@analog.com with
the part number of the adapter and a mailing address.
Table 1. HSC-ADC-EVALB-DC- and HSC-ADC-EVALB-SC-Compatible Evaluation Boards1
Evaluation Board Model
Description of ADC
FIFO Board Version
Comments
AD6644ST/PCB
14-bit, 65 MSPS ADC
SC
AD6645-80/PCB
14-bit, 80 MSPS ADC
SC
AD6645-105/PCB
14-bit, 105 MSPS ADC
SC
AD9051/PCB
10-bit, 60 MSPS ADC
SC
Requires AD9051FFA
AD9200SSOP-EVAL
10-bit, 20 MSPS ADC
SC
Requires AD922xFFA
AD9200TQFP-EVAL
10-bit, 20 MSPS ADC
SC
Requires AD922xFFA
AD9201-EVAL
Dual 10-bit, 20 MSPS ADC1
SC
Requires AD922xFFA
AD9203-EB
10-bit, 40 MSPS ADC
SC
Requires AD922xFFA
AD9212-65EB1
Octal 10-bit, 65 MSPS ADC
DC
Requires HSC-ADC-FPGA-8
AD9215BCP-65EB
10-bit, 65 MSPS ADC
SC
AD9215BCP-80EB
10-bit, 80 MSPS ADC
SC
AD9215BCP-105EB
10-bit, 105 MSPS ADC
SC
AD9215BRU-65EB
10-bit, 65 MSPS ADC
SC
AD9215BRU-80EB
10-bit, 80 MSPS ADC
SC
AD9215BRU-105EB
10-bit, 105 MSPS ADC
SC
AD9216-80PCB
Dual 10-bit, 80 MSPS ADC
DC
AD9216-105PCB
Dual 10-bit, 105 MSPS ADC
DC


Número de pieza similar - AD9233-125EB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9233-125EB AD-AD9233-125EB Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9233-125EB AD-AD9233-125EB Datasheet
1,003Kb / 45P
   1.8 V Analog-to-Digital Converter
More results

Descripción similar - AD9233-125EB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
HSC-ADC-EVALA-DC AD-HSC-ADC-EVALA-DC_15 Datasheet
2Mb / 44P
   High Speed ADC USB FIFO Evaluation Kit
HSC-ADC-EVALA-SC AD-HSC-ADC-EVALA-SC_15 Datasheet
2Mb / 44P
   High Speed ADC USB FIFO Evaluation Kit
logo
List of Unclassifed Man...
UMFT60X ETC2-UMFT60X Datasheet
1Mb / 24P
   UMFT60x FIFO TO USB 3.0 Bridge Evaluation Board
logo
STMicroelectronics
TS613 STMICROELECTRONICS-TS613 Datasheet
166Kb / 2P
   High-speed operational amplifier evaluation board kit
logo
Future Technology Devic...
FT4232H-56Q FTDI-FT4232H-56Q Datasheet
728Kb / 18P
   USB Hi-Speed FT4232H Evaluation
FT2232HQ-REEL FTDI-FT2232HQ-REEL Datasheet
1Mb / 90P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT2232H FTDI-FT2232H_12 Datasheet
2Mb / 67P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT2232H-56Q FTDI-FT2232H-56Q Datasheet
721Kb / 17P
   USB Hi-Speed FT2232H Evaluation
logo
STMicroelectronics
UM0068 STMICROELECTRONICS-UM0068 Datasheet
505Kb / 17P
   USB low-speed evaluation board
logo
Future Technology Devic...
FT2232H FTDI-FT2232H_10 Datasheet
1Mb / 63P
   DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com