Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9238BCP-40EB Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD9238BCP-40EB
Descripción Electrónicos  High Speed ADC USB FIFO Evaluation Kit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9238BCP-40EB Datasheet(HTML) 5 Page - Analog Devices

  AD9238BCP-40EB Datasheet HTML 1Page - Analog Devices AD9238BCP-40EB Datasheet HTML 2Page - Analog Devices AD9238BCP-40EB Datasheet HTML 3Page - Analog Devices AD9238BCP-40EB Datasheet HTML 4Page - Analog Devices AD9238BCP-40EB Datasheet HTML 5Page - Analog Devices AD9238BCP-40EB Datasheet HTML 6Page - Analog Devices AD9238BCP-40EB Datasheet HTML 7Page - Analog Devices AD9238BCP-40EB Datasheet HTML 8Page - Analog Devices AD9238BCP-40EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC
Rev. 0 | Page 5 of 28
FIFO 4.1 DATA CAPTURE BOARD FEATURES
6V SWITCHING
POWER SUPPLY
CONNECTION
ON BOARD +3.3V
REGULATOR
OPTIONAL POWER
CONNECTION
USB CONNECTION
TO COMPUTER
µCONTROLLER CRYSTAL
CLOCK = 24MHz,
OFF DURING
DATA CAPTURE
RESET SWITCH
WHEN ENCODE RATE
IS INTERRUPTED
OPTIONAL SERIAL
PORT INTERFACE
CONNECTOR
OPEN SOLDER MASK
ON ALL DATA AND
CLOCK LINES FOR
EASY PROBING
IDT72V283 32k
16-BIT 133MHz FIFO
120-CONNECTOR
(PARALLEL CMOS
INPUTS)
TIMING ADJUSTMENT
JUMPERS
IDT72V283 32k
16-BIT 133MHz FIFO
Figure 2. FIFO Components (Top View)


Número de pieza similar - AD9238BCP-40EB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9238BCP-65EBZ AD-AD9238BCP-65EBZ Datasheet
1Mb / 49P
   Dual A/D Converter
More results

Descripción similar - AD9238BCP-40EB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
HSC-ADC-EVALA-DC AD-HSC-ADC-EVALA-DC_15 Datasheet
2Mb / 44P
   High Speed ADC USB FIFO Evaluation Kit
HSC-ADC-EVALA-SC AD-HSC-ADC-EVALA-SC_15 Datasheet
2Mb / 44P
   High Speed ADC USB FIFO Evaluation Kit
logo
List of Unclassifed Man...
UMFT60X ETC2-UMFT60X Datasheet
1Mb / 24P
   UMFT60x FIFO TO USB 3.0 Bridge Evaluation Board
logo
STMicroelectronics
TS613 STMICROELECTRONICS-TS613 Datasheet
166Kb / 2P
   High-speed operational amplifier evaluation board kit
logo
Future Technology Devic...
FT4232H-56Q FTDI-FT4232H-56Q Datasheet
728Kb / 18P
   USB Hi-Speed FT4232H Evaluation
FT2232HQ-REEL FTDI-FT2232HQ-REEL Datasheet
1Mb / 90P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT2232H FTDI-FT2232H_12 Datasheet
2Mb / 67P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT2232H-56Q FTDI-FT2232H-56Q Datasheet
721Kb / 17P
   USB Hi-Speed FT2232H Evaluation
logo
STMicroelectronics
UM0068 STMICROELECTRONICS-UM0068 Datasheet
505Kb / 17P
   USB low-speed evaluation board
logo
Future Technology Devic...
FT2232H FTDI-FT2232H_10 Datasheet
1Mb / 63P
   DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com