Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP006AIYZFT Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TMP006AIYZFT
Descripción Electrónicos  Infrared Thermopile Sensor in Chip-Scale Package
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMP006AIYZFT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP006AIYZFT Datasheet HTML 7Page - Texas Instruments TMP006AIYZFT Datasheet HTML 8Page - Texas Instruments TMP006AIYZFT Datasheet HTML 9Page - Texas Instruments TMP006AIYZFT Datasheet HTML 10Page - Texas Instruments TMP006AIYZFT Datasheet HTML 11Page - Texas Instruments TMP006AIYZFT Datasheet HTML 12Page - Texas Instruments TMP006AIYZFT Datasheet HTML 13Page - Texas Instruments TMP006AIYZFT Datasheet HTML 14Page - Texas Instruments TMP006AIYZFT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TMP006
TMP006B
www.ti.com
SBOS518C – MAY 2011 – REVISED DECEMBER 2012
CONFIGURATION REGISTER
Table 8 describes the Configuration Register. This register determines the operational modes, conversion rate,
DRDY control, initiates a single conversion, performs a software reset, or puts the device into shutdown mode.
This register is read/write, and the pointer address is 02h.
Table 8. Configuration Register (Read/Write)
POINTER
REGISTER
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(HEX)
Configuration
RST
MOD2
MOD1
MOD0
CR2
CR1
CR0
EN
DRDY
0
0
0
0
0
0
0
02h
Reset value
0
1
1
1
0
1
0
0
0
0
0
0
0
0
0
0
Bit [15]
RST: Software reset bit
0 = Normal operation, this bit self clears
1 = Software reset
Bits [14:12]
MOD[2:0]: Mode of operation
000 = Power-down
111 = Sensor and ambient continuous conversion (MOD)
Bits [11:9]
CR[2:0]: ADC conversion rate
See Table 9.
Bit [8]
EN: DRDY enable bit
0 = DRDY pin disabled
1 = DRDY pin enabled
Bit [7]
DRDY: Data ready bit
0 = Conversion in progress
1 = Object voltage and ambient temperature results are ready to read. A temperature or sensor voltage read or a write to
the Configuration Register is required to clear the condition.
Bits [6:0]
Unused [6:0]
The TMP006 and TMP006B operate in two modes: continuous and shutdown. A software reset function is also
available. Selecting the desired operating mode is done by writing to the Configuration Register conversion mode
select bits MOD[2:0]. The duration of the analog-to-digital (A/D) conversion is determined by the conversion rate
bits CR[2:0] and is listed in Table 9. Continuous mode, on the other hand, performs an A/D conversion followed
by a low-power delay in order to reduce the average power consumption. Multiple options for the conversion time
and delay time are available in order to select the desired power and noise performance. Initiating power-down
has an immediate effect; it aborts the current conversion and puts the device into a low-power shutdown mode.
RST, or software reset, is also immediate and initializes all memory locations with the respective reset values.
Table 9. Conversion Rate
TOTAL NUMBER OF
PEAK-PEAK NOISE
CONVERSION RATE
CR2
CR1
CR0
AVERAGED
AVERAGE IQ (μA)
OF THE TObject
(conv/sec)
SAMPLES
RESULT (°C)
0
0
0
4
1
240
0.5
0
0
1
2
2
240
0.35
0
1
0
1
4
240
0.25 (default)
0
1
1
0.5
8
240
0.18
1
0
0
0.25
16
240
0.125
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TMP006 TMP006B


Número de pieza similar - TMP006AIYZFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP006AIYZFT TI1-TMP006AIYZFT Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006AIYZFT TI-TMP006AIYZFT Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006AIYZFT TI1-TMP006AIYZFT Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results

Descripción similar - TMP006AIYZFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006_1107 TI-TMP006_1107 Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006 TI-TMP006_15 Datasheet
1Mb / 38P
[Old version datasheet]   TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com