Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS2115ADRBT Datasheet(PDF) 2 Page - Texas Instruments |
|
|
TPS2115ADRBT Datasheet(HTML) 2 Page - Texas Instruments |
2 / 27 page TPS2114A TPS2115A SBVS044F – MARCH 2004 – REVISED MAY 2012 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. DEVICE INFORMATION(1) TA PACKAGE IOUT ORDERING NUMBER MARKING 0.75 TPS2114APW 2114A TSSOP-8 (PW) –40°C to 85°C 1.25 TPS2115APW 2115A SON-8 (DRB) 2 TPS2115ADRB CGF (1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the device product folder at www.ti.com. ABSOLUTE MAXIMUM RATINGS (1) Over recommended junction temperature range (unless otherwise noted). VALUE MIN MAX UNIT IN1, IN2, D0, D1, ILIM(2) –0.3 6 V Voltage VO(OUT), VO(STAT) (2) –0.3 6 V Output sink, IO(STAT) 5 mA Continuous output, IO (TPS2114APW) 0.9 A Current Continuous output, IO (TPS2115APW) 1.5 A Continuous output, IO (TPS2115ADRB), 2.5 A TJ ≤ 105°C Power dissipation Continuous total See Power Dissipation Ratings table Temperature Operating virtual junction, TJ –40 125 °C Human body model, HBM 2 kV ESD ratings Charge device model, CDM 500 V (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to absolute- maximum rated conditions for extended periods may affect device reliability. (2) All voltages are with respect to GND. AVAILABLE OPTIONS FEATURE TPS2114A TPS2115A Current limit adjustment range 0.31 A to 0.75 A 0.63 A to 2 A Manual Yes Yes Switching modes Automatic Yes Yes Switch status output Yes Yes TSSOP-8 Package TSSOP-8 SON-8 2 Copyright © 2004–2012, Texas Instruments Incorporated |
Número de pieza similar - TPS2115ADRBT |
|
Descripción similar - TPS2115ADRBT |