Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC1G06GW125 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 74LVC1G06GW125
Descripción Electrónicos  Inverter with open-drain output Rev. 10 ??29 June 2012
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G06GW125 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC1G06GW125 Datasheet HTML 1Page - NXP Semiconductors 74LVC1G06GW125 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G06GW125 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G06GW125 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G06GW125 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G06GW125 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G06GW125 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G06GW125 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G06GW125 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
74LVC1G06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 10 — 29 June 2012
2 of 18
NXP Semiconductors
74LVC1G06
Inverter with open-drain output
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC1G06GW
40 C to +125 C
TSSOP5
plastic thin shrink small outline package;
5 leads; body width 1.25 mm
SOT353-1
74LVC1G06GV
40 C to +125 C
SC-74A
plastic surface-mounted package; 5 leads
SOT753
74LVC1G06GM
40 C to +125 C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
 1.45  0.5 mm
SOT886
74LVC1G06GF
40 C to +125 C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
 1  0.5 mm
SOT891
74LVC1G06GN
40 C to +125 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 0.9
 1.0  0.35 mm
SOT1115
74LVC1G06GS
40 C to +125 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 1.0
 1.0  0.35 mm
SOT1202
74LVC1G06GX
40 C to +125 C
X2SON5
X2SON5: plastic thermal enhanced extremely
thin small outline package; no leads; 5
terminals; body 0.8
 0.8  0.35 mm
SOT1226
Table 2.
Marking codes
Type number
Marking[1]
74LVC1G06GW
VR
74LVC1G06GV
V06
74LVC1G06GM
VR
74LVC1G06GF
VR
74LVC1G06GN
VR
74LVC1G06GS
VR
74LVC1G06GX
VR
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
mna618
AY
2
4
mna619
4
2
A
Y
mna620
Y
GND
A


Número de pieza similar - 74LVC1G06GW125

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC1G06GW PHILIPS-74LVC1G06GW Datasheet
89Kb / 14P
   Inverter with open-drain output
2004 Sep 07
74LVC1G06GW NXP-74LVC1G06GW Datasheet
87Kb / 14P
   Inverter with open-drain output
Rev. 07-12 July 2007
74LVC1G06GW NXP-74LVC1G06GW Datasheet
352Kb / 18P
   Inverter with open-drain output
Rev. 10-29 June 2012
logo
Nexperia B.V. All right...
74LVC1G06GW NEXPERIA-74LVC1G06GW Datasheet
255Kb / 16P
   Inverter with open-drain output
Rev. 14 - 10 February 2022
74LVC1G06GW-Q100 NEXPERIA-74LVC1G06GW-Q100 Datasheet
187Kb / 13P
   Inverter with open-drain output
More results

Descripción similar - 74LVC1G06GW125

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74LVC1G06 NXP-74LVC1G06 Datasheet
87Kb / 14P
   Inverter with open-drain output
Rev. 07-12 July 2007
logo
E-Tech Electronics LTD
MC74VHC1G05 ETL-MC74VHC1G05 Datasheet
578Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74AHC1G06 NXP-74AHC1G06_07 Datasheet
78Kb / 11P
   Inverter with open-drain output
Rev. 06-7 June 2007
74LVC1G06GV.125 NXP-74LVC1G06GV.125 Datasheet
352Kb / 18P
   Inverter with open-drain output
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT3G06 UTC-U74AHCT3G06_15 Datasheet
146Kb / 5P
   INVERTER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
NCX2202GW-125 NXP-NCX2202GW-125 Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output Rev. 5 ??30 October 2012
Rev. 5-30 October 2012
74LVC1G06 PHILIPS-74LVC1G06 Datasheet
89Kb / 14P
   Inverter with open-drain output
2004 Sep 07
74AHC1G06 PHILIPS-74AHC1G06 Datasheet
66Kb / 16P
   Inverter with open-drain output
2000 May 01
logo
Leshan Radio Company
L74VHC1G05 LRC-L74VHC1G05 Datasheet
242Kb / 6P
   Inverter with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com