Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT24M01LE-G Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza CAT24M01LE-G
Descripción Electrónicos  1 Mb I2C CMOS Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24M01LE-G Datasheet(HTML) 1 Page - ON Semiconductor

  CAT24M01LE-G Datasheet HTML 1Page - ON Semiconductor CAT24M01LE-G Datasheet HTML 2Page - ON Semiconductor CAT24M01LE-G Datasheet HTML 3Page - ON Semiconductor CAT24M01LE-G Datasheet HTML 4Page - ON Semiconductor CAT24M01LE-G Datasheet HTML 5Page - ON Semiconductor CAT24M01LE-G Datasheet HTML 6Page - ON Semiconductor CAT24M01LE-G Datasheet HTML 7Page - ON Semiconductor CAT24M01LE-G Datasheet HTML 8Page - ON Semiconductor CAT24M01LE-G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2012
October, 2012 − Rev. 3
1
Publication Order Number:
CAT24M01/D
CAT24M01
1 Mb I2C CMOS Serial
EEPROM
Description
The CAT24M01 is a 1024 kb Serial CMOS EEPROM, internally
organized as 131,072 words of 8 bits each.
It features a 256−byte page write buffer and supports the Standard
(100 kHz), Fast (400 kHz) and Fast−Plus (1 MHz) I2C protocol.
Write operations can be inhibited by taking the WP pin High (this
protects the entire memory).
External address pins make it possible to address up to four
CAT24M01 devices on the same bus.
On−Chip ECC (Error Correction Code) makes the device suitable
for high reliability applications.
Features
Supports Standard, Fast and Fast−Plus I2C Protocol
1.8 V to 5.5 V Supply Voltage Range
256−Byte Page Write Buffer
Hardware Write Protection for Entire Memory
Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs
(SCL and SDA)
Low Power CMOS Technology
1,000,000 Program/Erase Cycles
100 Year Data Retention
Industrial and Extended Temperature Range
8−pin PDIP, SOIC, TSSOP and 8−pad UDFN Packages
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Figure 1. Functional Symbol
SDA
SCL
WP
CAT24M01
VCC
VSS
A2, A1
http://onsemi.com
PIN CONFIGURATION
SDA
WP
VCC
VSS
A2
A1
NC
1
See detailed ordering and shipping information in the package
dimensions section on page 14 of this data sheet.
ORDERING INFORMATION
SOIC−8
W SUFFIX
CASE 751BD
SOIC−8
X SUFFIX
CASE 751BE
SCL
PDIP (L), SOIC (W, X),
TSSOP (Y), UDFN (HU5)
PDIP−8
L SUFFIX
CASE 646AA
TSSOP−8
Y SUFFIX
CASE 948AL
Device Address
A1, A2
Serial Data
SDA
Serial Clock
SCL
Write Protect
WP
Power Supply
VCC
Ground
VSS
Function
Pin Name
PIN FUNCTION
For the location of Pin 1, please consult the
corresponding package drawing.
UDFN−8
HU5 SUFFIX
CASE 517BU


Número de pieza similar - CAT24M01LE-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT24M01LI-G ONSEMI-CAT24M01LI-G Datasheet
178Kb / 14P
   1 Mb I2C CMOS Serial EEPROM 256?묪yte Page Write Buffer
May, 2011 ??Rev. 1
More results

Descripción similar - CAT24M01LE-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT24M01_1110 ONSEMI-CAT24M01_1110 Datasheet
185Kb / 14P
   1 Mb I2C CMOS Serial EEPROM
October, 2011 ??Rev. 2
CAV24M01 ONSEMI-CAV24M01_18 Datasheet
269Kb / 14P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 2
CAT24M01 ONSEMI-CAT24M01_18 Datasheet
384Kb / 18P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAT25M01 ONSEMI-CAT25M01 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
CAT25M01YI-GT3 ONSEMI-CAT25M01YI-GT3 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
CAT24M01 ONSEMI-CAT24M01 Datasheet
178Kb / 14P
   1 Mb I2C CMOS Serial EEPROM 256?묪yte Page Write Buffer
May, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com