Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT28F010 Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza CAT28F010
Descripción Electrónicos  1 Megabit CMOS Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28F010 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT28F010 Datasheet HTML 2Page - ON Semiconductor CAT28F010 Datasheet HTML 3Page - ON Semiconductor CAT28F010 Datasheet HTML 4Page - ON Semiconductor CAT28F010 Datasheet HTML 5Page - ON Semiconductor CAT28F010 Datasheet HTML 6Page - ON Semiconductor CAT28F010 Datasheet HTML 7Page - ON Semiconductor CAT28F010 Datasheet HTML 8Page - ON Semiconductor CAT28F010 Datasheet HTML 9Page - ON Semiconductor CAT28F010 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CAT28F010
6
Doc. No. MD-1019, Rev. G
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
A.C. CHARACTERISTICS, Program/Erase Operation
VCC = +5V ±10%, unless otherwise specified.
\JEDEC
Standard
28F010-90
28F010-12
Symbol
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
tAVAV
tWC
Write Cycle Time
90
120
ns
tAVWL
tAS
Address Setup Time
0
0
ns
tWLAX
tAH
Address Hold Time
40
40
ns
tDVWH
tDS
Data Setup Time
40
40
ns
tWHDX
tDH
Data Hold Time
10
10
ns
tELWL
tCS
CE Setup Time
0
0
ns
tWHEH
tCH
CE Hold Time
0
0
ns
tWLWH
tWP
WE Pulse Width
40
40
ns
tWHWL
tWPH
WE High Pulse Width
20
20
ns
tWHWH1(2)
-
Program Pulse Width
10
10
µs
tWHWH2(2)
-
Erase Pulse Width
9.5
9.5
ms
tWHGL
Write Recovery Time
-
Before Read
6
6
µs
tGHWL
Read Recovery Time
-
Before Write
0
0
µs
tVPEL
-VPP Setup Time to CE
100
100
ns
Note:
(1) Please refer to Supply characteristics for the value of VPPH and VPPL. The VPP supply can be either hardwired or switched. If VPP is
switched, VPPL can be ground, less than VCC + 2.0V or a no connect with a resistor tied to ground.
(2) Program and Erase operations are controlled by internal stop timers.
(3) ‘Typicals’ are not guaranteed, but based on characterization data. Data taken at 25
°C, 12.0V V
PP.
(4) Minimum byte programming time (excluding system overhead) is 16
µs (10 µs program + 6 µs write recovery), while maximum is 400 µs/
byte (16
µs x 25 loops). Max chip programming time is specified lower than the worst case allowed by the programming algorithm since
most bytes program significantly faster than the worst case byte.
(5) Excludes 00H Programming prior to Erasure.
28F010-90
28F010-12
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Chip Erase Time (3)(5)
0.5
10
0.5
10
Sec
Chip Program Time (3)(4)
2
12.5
2
12.5
Sec
ERASE AND PROGRAMMING PERFORMANCE (1)


Número de pieza similar - CAT28F010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
CAT28F010 CATALYST-CAT28F010 Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010 ONSEMI-CAT28F010 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010 ONSEMI-CAT28F010 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results

Descripción similar - CAT28F010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010L90 ONSEMI-CAT28F010L90 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010N-15 ONSEMI-CAT28F010N-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F010 CATALYST-CAT28F010_04 Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com