Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAT1161PI-42 Datasheet(PDF) 11 Page - ON Semiconductor |
|
CAT1161PI-42 Datasheet(HTML) 11 Page - ON Semiconductor |
11 / 13 page CAT1161, CAT1162 http://onsemi.com 11 ORDERING INFORMATION Orderable Part Numbers − CAT1161/2 Series (See Notes 1 − 4) Device Reset Threshold Voltage Package−Pins Shipping CAT1161LI−45−G 4.50 V − 4.75 V PDIP−8 3000 Tape & Reel CAT1161LI−42−G 4.25 V − 4.50 V CAT1161LI−30−G 3.00 V − 3.15 V CAT1161LI−28−G 2.85 V − 3.00 V CAT1161LI−25−G 2.55 V − 2.70 V CAT1161WI−45−GT3 4.50 V − 4.75 V SOIC−8 CAT1161WI−42−GT3 4.25 V − 4.50 V CAT1161WI−30−GT3 3.00 V − 3.15 V CAT1161WI−28−GT3 2.85 V − 3.00 V CAT1161WI−25−GT3 2.55 V − 2.70 V CAT1162LI−45−G 4.50 V − 4.75 V PDIP−8 CAT1162LI−42−G 4.25 V − 4.50 V CAT1162LI−30−G 3.00 V − 3.15 V CAT1162LI−28−G 2.85 V − 3.00 V CAT1162LI−25−G 2.55 V − 2.70 V CAT1162WI−45−GT3 4.50 V − 4.75 V SOIC−8 CAT1162WI−42−GT3 4.25 V − 4.50 V CAT1162WI−30−GT3 3.00 V − 3.15 V CAT1162WI−28−GT3 2.85 V − 3.00 V CAT1162WI−25−GT3 2.55 V − 2.70 V 1. All packages are RoHS−compliant (Lead−free, Halogen−free). 2. The standard lead finish is NiPdAu. 3. For additional package and temperature options, please contact your nearest ON Semiconductor Sales office. 4. For detailed information and a breakdown of device nomenclature and numbering systems, please see the ON Semiconductor Device Nomenclature document, TND310/D, available at www.onsemi.com |
Número de pieza similar - CAT1161PI-42 |
|
Descripción similar - CAT1161PI-42 |