Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESD33C104J4T2A18 Datasheet(PDF) 1 Page - AVX Corporation

No. de pieza ESD33C104J4T2A18
Descripción Electrónicos  ESD Withstanding MLC Capacitor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo AVX - AVX Corporation

ESD33C104J4T2A18 Datasheet(HTML) 1 Page - AVX Corporation

  ESD33C104J4T2A18 Datasheet HTML 1Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
designed specifically to be used in ESD (Electro Static Dicharge) prone
les and systems connected to a wiring harness.
These devices average the electrical potential of two objects due to
ESD charging.
applications.
that the correct capacitance can be selected to minimize distortion on
the circuit. ESD capacitors provide a method to integrate voltage diffe-
ESD
Product
ESD
5
Voltage
25V = 3
50V = 5
100V = 1
C
Dielectric
X7R = C
104
Capacitance
Code (In pF)
2 Sig. Digits +
Number of
Zeros
e.g. 10μF =106
K
Capacitance
Tolerance
J = ±5%
K = ±10%
M = ±20%
HOW TO ORDER
4
Failure
Rate
A = Commercial
4 = Automotive
Z
Terminations
T = 100% Tin
Z = FLEXITERMTM
2
Packaging
2 = 7" Reel
4 = 13" Reel
A
-
18
Special
Code
A = Std. Product
type
Application
5
Case Size
0603 = 3
0805 = 5
1206 = 6
ESD
Rating
18 = 18kV
20 = 20kV
22 = 22kV
24 = 24kV
26 = 26kV
28 = 28kV
30 = 30kV
The ESD-Safe
™ series is an enhanced MLC capacitor developed and
ESD-Safe
™ capacitors are commonly utilized on the I/O pins of modu-
rentials in low level transient fields.
ESD-Safe
™ capacitors are offered in a wide capcitance value range so
ESDSAFE X7R RANGE
30 = 30kV
Capacitance
0603
0805
1206
Code
Value
50V
100V
25V
50V
100V
25V
50V
100V
472
4.7 (nF)
18kV
18kV
18kV
18kV
18kV
20kV
20kV
20kV
682
6.8
18kV
18kV
18kV
18kV
18kV
20kV
20kV
20kV
103
10
18kV
18kV
18kV
18kV
18kV
20kV
20kV
20kV
153
15
20kV
20kV
20kV
20kV
22kV
22kV
22kV
223
22
20kV
22kV
22kV
22kV
24kV
24kV
24kV
333
33
20kV
22kV
22kV
22kV
24kV
24kV
24kV
473
47
22kV
22kV
22kV
22kV
26kV
26kV
26kV
683
68
22kV
24kV
24kV
24kV
26kV
26kV
26kV
104
100
24kV
24kV
24kV
24kV
26kV
26kV
26kV
154
150
24kV
24kV
28kV
28kV
28kV
224
220
26kV
26kV
28kV
28kV
28kV
334
330
26kV
26kV
28kV
28kV
28kV
474
470
26kV
26kV
28kV
28kV
28kV
684
680
26kV
28kV
28kV
105
1 (µF)
26kV
28kV
28kV
155
1.5
30kV
225
2.2
30kV
ESD Withstanding MLC Capacitor
MLC Chips
ESD-Safe


Número de pieza similar - ESD33C104J4T2A18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
ESD33C104K4Z2A18 AVX-ESD33C104K4Z2A18 Datasheet
89Kb / 1P
   ESD Withstanding Automotive Ceramic Capacitor
More results

Descripción similar - ESD33C104J4T2A18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
ESD55C104K4Z2A-18 AVX-ESD55C104K4Z2A-18 Datasheet
45Kb / 1P
   ESD Withstanding MLC Capacitor
ESD51C103K4T2A-18 AVX-ESD51C103K4T2A-18 Datasheet
89Kb / 1P
   ESD Withstanding Automotive Ceramic Capacitor
logo
Bourns Electronic Solut...
CG0603MLC-05E BOURNS-CG0603MLC-05E Datasheet
206Kb / 3P
   ChipGuard MLC Series - ESD Protectors
CG0603MLC-05E BOURNS-CG0603MLC-05E Datasheet
205Kb / 2P
   MLC Series Varistor ESD Clamp Protectors
CG0603MLC-3.3LE BOURNS-CG0603MLC-3.3LE Datasheet
298Kb / 3P
   ChipGuard짰 MLC Series - ESD Protectors
CG0603MLC-12LE BOURNS-CG0603MLC-12LE Datasheet
206Kb / 3P
   ChipGuard짰 MLC Series - ESD Protectors
CG0402MLC BOURNS-CG0402MLC Datasheet
299Kb / 3P
   ChipGuard MLC Series - ESD Protectors Memory protection HDMI 1.4
logo
ASM GmbH
3159 ASM-SENSOR-3159 Datasheet
233Kb / 4P
   INSULATION / WITHSTANDING HiTESTER
logo
AVX Corporation
HL02150GTTR AVX-HL02150GTTR Datasheet
303Kb / 4P
   High Withstanding Voltage
logo
Surge Components
C43 SURGE-C43 Datasheet
3Mb / 9P
   Withstanding overvoltage stressing
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com