Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FC6943010R Datasheet(PDF) 5 Page - Panasonic Semiconductor

No. de pieza FC6943010R
Descripción Electrónicos  Dual N-channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FC6943010R Datasheet(HTML) 5 Page - Panasonic Semiconductor

  FC6943010R Datasheet HTML 1Page - Panasonic Semiconductor FC6943010R Datasheet HTML 2Page - Panasonic Semiconductor FC6943010R Datasheet HTML 3Page - Panasonic Semiconductor FC6943010R Datasheet HTML 4Page - Panasonic Semiconductor FC6943010R Datasheet HTML 5Page - Panasonic Semiconductor FC6943010R Datasheet HTML 6Page - Panasonic Semiconductor FC6943010R Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Product Standards
MOS FET
FC6943010R
Technical Data ( reference )
Page
Vth - Ta
RDS(on) - Ta
PD - Ta
Safe Operating Area
5of
Rth - tsw
6
0
0.5
1
1.5
2
2.5
-50
0
50
100
150
Temperature (℃)
0
1
2
3
4
-50
0
50
100
150
Temperature (℃)
4.0 V
VGS = 2.5 V
0
0.1
0.2
0
50
100
150
Temperature Ta (
C)
1
10
100
1000
0.01
0.1
1
10
100
1000
Pulse Width tsw (s)
0.0001
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
Drain-source Voltage VDS (V)
IDp=0.2A
Operation in this area
is limited by RDS(on)
Ta=25℃,
Glass epoxy board (25.4×25.4×
t0.8mm)
coated with copper foil,
1ms
10ms
100 ms
1s
DC
Doc No. TT4-EA-12578
Revision. 2
Established : 2010-05-17
Revised
: 2013-07-01


Número de pieza similar - FC6943010R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
FC694301 PANASONIC-FC694301 Datasheet
586Kb / 5P
   Silicon N-channel MOS FET
More results

Descripción similar - FC6943010R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BF1102 PHILIPS-BF1102 Datasheet
154Kb / 12P
   Dual N-channel dual gate MOS-FET
1999 Jul 08
BF1203 PHILIPS-BF1203 Datasheet
166Kb / 20P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
logo
Quanzhou Jinmei Electro...
BF1203_2015 JMNIC-BF1203_2015 Datasheet
172Kb / 20P
   Dual N-channel dual gate MOS-FET
logo
NXP Semiconductors
BF1204 PHILIPS-BF1204 Datasheet
110Kb / 12P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
BF1205 PHILIPS-BF1205 Datasheet
185Kb / 24P
   Dual N-channel dual gate MOS-FET
2003 Sep 30
BF1206 PHILIPS-BF1206 Datasheet
186Kb / 21P
   Dual N-channel dual-gate MOS-FET
2003 Nov 17
logo
Quanzhou Jinmei Electro...
BF1205C_2015 JMNIC-BF1205C_2015 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206_2015 JMNIC-BF1206_2015 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
BF1205C JMNIC-BF1205C_15 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206 JMNIC-BF1206_15 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com